Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7447714101 Datasheet(PDF) 2 Page - Union Semiconductor, Inc.

Part # 7447714101
Description  Hysteretic Buck High Brightness LED Driver with Internal Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

7447714101 Datasheet(HTML) 2 Page - Union Semiconductor, Inc.

  7447714101 Datasheet HTML 1Page - Union Semiconductor, Inc. 7447714101 Datasheet HTML 2Page - Union Semiconductor, Inc. 7447714101 Datasheet HTML 3Page - Union Semiconductor, Inc. 7447714101 Datasheet HTML 4Page - Union Semiconductor, Inc. 7447714101 Datasheet HTML 5Page - Union Semiconductor, Inc. 7447714101 Datasheet HTML 6Page - Union Semiconductor, Inc. 7447714101 Datasheet HTML 7Page - Union Semiconductor, Inc. 7447714101 Datasheet HTML 8Page - Union Semiconductor, Inc. 7447714101 Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.05 Apr.2016
2/13
UM1360
Pin Configurations
Top View
Ordering Information
Part Number
Packaging Type
Marking Code
Shipping Qty
UM1360Y
SOT89-5
UM1360Y
1000pcs/7Inch
Tape & Reel
Pin Description
Pin
Number
Symbol
Function
1
LX
Drain of NDMOS switch.
2
GND
Ground (0V).
3
VSET
Multi-function On/Off and brightness control pin:
Leave floating for normal operation.
Drive to voltage below 0.2V to turn off output current.
Drive with DC voltage (0.3V<VSET<2.5V) to adjust output current
from 12% to 100% of IOUTnom.
Drive with PWM signal to adjust output current. Adjustment range
1% to 100% of IOUTnom for f≤1kHz.
4
ISENSE
Connect resistor RS from this pin to VIN to define nominal average
output current IOUTnom=0.1/RS.
5
VIN
Input voltage (6V to 40V). Decouple to ground with 10μF or higher
X7R ceramic capacitor close to device.
1
2
3
4
5
LX
GND
VSET
ISENSE
VIN
GND
1
2
3
4
5
UM1360Y
XX
XX: Week Code
UM1360Y
SOT89-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com