Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IX2113B Datasheet(PDF) 10 Page - IXYS Corporation

Part # IX2113B
Description  Outputs Capable of Sourcing and Sinking 2A
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX2113B Datasheet(HTML) 10 Page - IXYS Corporation

Back Button IX2113B Datasheet HTML 5Page - IXYS Corporation IX2113B Datasheet HTML 6Page - IXYS Corporation IX2113B Datasheet HTML 7Page - IXYS Corporation IX2113B Datasheet HTML 8Page - IXYS Corporation IX2113B Datasheet HTML 9Page - IXYS Corporation IX2113B Datasheet HTML 10Page - IXYS Corporation IX2113B Datasheet HTML 11Page - IXYS Corporation IX2113B Datasheet HTML 12Page - IXYS Corporation IX2113B Datasheet HTML 13Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
10
www.ixysic.com
R03
IX2113
Figure 1. Typical Connection Diagram
V
BIAS Supply Voltage (V)
10
12
14
16
18
20
0
1
2
3
4
5
Output Source Current vs. Voltage
V
BIAS Supply Voltage (V)
10
12
14
16
18
20
0
1
2
3
4
5
Output Sink Current vs. Voltage
V
BIAS Supply Voltage (V)
10
12
14
16
18
20
0
1
2
3
4
5
High Level Output Voltage
vs. Supply Voltage
V
CC Supply Voltage (V)
10
12
14
16
18
20
0
40
80
120
160
200
Low Level Output Voltage
vs. Supply Voltage
V
DD
V
DD
HIN
HIN
SD
SD
LIN
LIN
V
SS
V
SS
V
CC
V
CC
COM
LO
V
S
V
B
HO
LOAD
up to 600V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com