Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXDN630MCI Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXDN630MCI
Description  30A Peak Source/Sink Drive Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN630MCI Datasheet(HTML) 3 Page - IXYS Corporation

  IXDN630MCI Datasheet HTML 1Page - IXYS Corporation IXDN630MCI Datasheet HTML 2Page - IXYS Corporation IXDN630MCI Datasheet HTML 3Page - IXYS Corporation IXDN630MCI Datasheet HTML 4Page - IXYS Corporation IXDN630MCI Datasheet HTML 5Page - IXYS Corporation IXDN630MCI Datasheet HTML 6Page - IXYS Corporation IXDN630MCI Datasheet HTML 7Page - IXYS Corporation IXDN630MCI Datasheet HTML 8Page - IXYS Corporation IXDN630MCI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
INTEGRATED CIRCUITS DIVISION
IXD_630
R03
www.ixysic.com
3
1
Specifications
1.1 Lead Configurations
1.2 Lead Definitions
1.3 Absolute Maximum Ratings
Unless stated otherwise, absolute maximum electrical ratings are at 25°C
Absolute maximum ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device.
Functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not
implied.
1
4
3
2
5
V
CC
OUT
GND
IN
EN
1
4
3
2
5
V
CC
OUT
GND
IN
NC
1
4
3
2
5
V
CC
OUT
GND
IN
NC
IXDD630 CI / YI
IXDI630 CI / YI
IXDN630 CI / YI
Lead Name
Description
IN
Logic Input
EN
Output Enable - Drive lead low to disable
output, and force output to a high impedance
state
OUT
Output - Sources or sinks current to turn-on or
turn-off a discrete MOSFET or IGBT
OUT
Inverted Output - Sources or sinks current to
turn-on or turn-off a discrete MOSFET or IGBT
VCC
Supply Voltage - Provides power to the device
GND
Ground - Common ground reference for the
device
NC
Not connected
Parameter
Symbol
Minimum
Maximum
Units
Supply Voltage
VCC
-0.3
40
V
Input Voltage Range
VIN , VEN
-5
VCC+0.3
V
Output Current
IOUT
-±30
A
Junction Temperature
TJ
-55
+150
°C
Storage Temperature
TSTG
-65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com