Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXDN630YI Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXDN630YI
Description  30A Peak Source/Sink Drive Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN630YI Datasheet(HTML) 6 Page - IXYS Corporation

Back Button IXDN630YI Datasheet HTML 2Page - IXYS Corporation IXDN630YI Datasheet HTML 3Page - IXYS Corporation IXDN630YI Datasheet HTML 4Page - IXYS Corporation IXDN630YI Datasheet HTML 5Page - IXYS Corporation IXDN630YI Datasheet HTML 6Page - IXYS Corporation IXDN630YI Datasheet HTML 7Page - IXYS Corporation IXDN630YI Datasheet HTML 8Page - IXYS Corporation IXDN630YI Datasheet HTML 9Page - IXYS Corporation IXDN630YI Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
INTEGRATED CIRCUITS DIVISION
IXD_630
6
www.ixysic.com
R03
2
Functional Description
2.1 IXDD630 Block Diagram & Truth Table
2.2 IXDI630 Block Diagram & Truth Table
2.3 IXDN630 Block Diagram & Truth Table
IN
EN
OUT
0
1 or open
0
1
1 or open
1
00
Z
10
Z
IN
OUT
0
1
1
0
GND
IN
EN
IXDD630
V
CC
OUT
UVLO
GND
IN
IXDI630
V
CC
OUT
UVLO
IN
OUT
0
0
1
1
GND
IN
IXDN630
V
CC
OUT
UVLO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com