Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUZ76 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUZ76
Description  High Input Impedance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUZ76 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUZ76 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUZ76 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
BUZ76
DESCRIPTION
·3A,400V
·Drain Source Voltage-
: VDSS= 200V(Min)
·Static Drain-Source On-Resistance
: RDS(on) = 1.8Ω(Max)
·High Input Impedance
·Majority Carrier Device
APPLICATIONS
·switching regulators, switching converters
·motor drivers,relay drivers and drivers for high-power
Bipolar switching transistors reguiring high speed and
gate-driver power.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
ARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
400
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current-continuous@ TC=37℃
3
A
Ptot
Total Dissipation@TC=25℃
40
W
Tj
Max. Operating Junction Temperature
-55-150
Tstg
Storage Temperature Range
-55-150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
3.1
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
75
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - BUZ76

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ76 SIEMENS-BUZ76 Datasheet
174Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Intersil Corporation
BUZ76 INTERSIL-BUZ76 Datasheet
42Kb / 5P
3A, 400V, 1.800 Ohm, N-Channel Power MOSFET
October 1998
logo
Infineon Technologies A...
BUZ76 INFINEON-BUZ76 Datasheet
140Kb / 9P
SIPMOS Power Transistor
07/96
logo
Siemens Semiconductor G...
BUZ76A SIEMENS-BUZ76A Datasheet
172Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Intersil Corporation
BUZ76A INTERSIL-BUZ76A Datasheet
42Kb / 5P
2.6A, 400V, 2.500 Ohm, N-Channel Power MOSFET
October 1998
More results

Similar Description - BUZ76

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGU20N40 FAIRCHILD-SGU20N40 Datasheet
149Kb / 5P
High input impedance
SGH23N60UFDTU FAIRCHILD-SGH23N60UFDTU Datasheet
633Kb / 7P
High Input Impedance
FGS15N40LTF FAIRCHILD-FGS15N40LTF Datasheet
210Kb / 6P
High Input Impedance
logo
M.S. Kennedy Corporatio...
MSK0002 MSK-MSK0002_15 Datasheet
135Kb / 5P
High Input Impedance-180K Min
logo
Inchange Semiconductor ...
BUZ11S2 ISC-BUZ11S2 Datasheet
66Kb / 2P
High input impedance
BUZ12 ISC-BUZ12 Datasheet
66Kb / 2P
High input impedance
BUZ12A ISC-BUZ12A Datasheet
66Kb / 2P
High input impedance
BUZ22 ISC-BUZ22 Datasheet
66Kb / 2P
High input impedance
logo
Toshiba Semiconductor
MG100Q2YS11 TOSHIBA-MG100Q2YS11 Datasheet
333Kb / 5P
high input impedance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com