Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUZ78 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUZ78
Description  Easy driver for cost effective application
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUZ78 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUZ78 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUZ78 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
BUZ78
DESCRIPTION
·High speed switching
·Low R
DS(ON)
·Easy driver for cost effective application
APPLICATIONS
·Automotive power actuator drivers
·Motor controls
·DC-DC converters
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
ARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
800
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current-continuous@ TC=37℃
1.5
A
Ptot
Total Dissipation@TC=25℃
40
W
Tj
Max. Operating Junction Temperature
-55-150
Tstg
Storage Temperature Range
-55-150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
3.1
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
75
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - BUZ78

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ78 SIEMENS-BUZ78 Datasheet
194Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
More results

Similar Description - BUZ78

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUZ215 ISC-BUZ215 Datasheet
65Kb / 2P
Easy driver for cost effective application
BUZ216 ISC-BUZ216 Datasheet
65Kb / 2P
Easy driver for cost effective application
BUZ305 ISC-BUZ305 Datasheet
65Kb / 2P
Easy driver for cost effective application
BUZ307 ISC-BUZ307 Datasheet
65Kb / 2P
Easy driver for cost effective application
BUZ308 ISC-BUZ308 Datasheet
65Kb / 2P
Easy driver for cost effective application
BUZ326 ISC-BUZ326 Datasheet
65Kb / 2P
Easy driver for cost effective application
BUZ205 ISC-BUZ205 Datasheet
65Kb / 2P
Easy driver for cost effective application
BUZ77A ISC-BUZ77A Datasheet
66Kb / 2P
Easy driver for cost effective application
BUZ77B ISC-BUZ77B Datasheet
66Kb / 2P
Easy driver for cost effective application
BUZ93 ISC-BUZ93 Datasheet
65Kb / 2P
Easy driver for cost effective application
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com