Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL486NADP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SL486NADP
Description  INFRA RED REMOTE CONTROL PREAMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SL486NADP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SL486NADP Datasheet HTML 1Page - List of Unclassifed Manufacturers SL486NADP Datasheet HTML 2Page - List of Unclassifed Manufacturers SL486NADP Datasheet HTML 3Page - List of Unclassifed Manufacturers SL486NADP Datasheet HTML 4Page - List of Unclassifed Manufacturers SL486NADP Datasheet HTML 5Page - List of Unclassifed Manufacturers SL486NADP Datasheet HTML 6Page - List of Unclassifed Manufacturers SL486NADP Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2
SL486
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed over the following conditions (unless otherwise stated):
TAMB = 125°C, VCCI = VCCO = VCC = 14·5V to 17·0V, VEEI = VEEO = VEE = 0V
Characteristic
Value
Min.
Pin
6·5
4·213ID
8·5
6·2
35
4·0
68·0
55·0
2·4
0·7
1·5
0·8
Typ.
Max.
9·0
513ID
10
9·5
18
6·5
1·5
1·1
2·3
18·5
42·0
VEEO10·35
VEEO10·5
Units
mA
mA
mA
V
V
V
V
V
nA
nA
nA
dB
mA (pk)
dB
k
Ω
ms
%/
°C
V
V
V
V
V (pk)
V (pk)
Conditions
Supply current (see note 1)
Low voltage supply wrt VEEI &VEEO
High voltage supply wrt VREGIN
Int. regulated voltage, VREG, wrt
VCCO
|V
CCI2VCCO|
Minimum sensitivity of differential
input
Common mode rejection
Maximum signal input
AGC range
Output and Stretch output internal
pull-up resistance
Stretch output pulse width, tP
Temperature coefficient of RX
Output low voltage
Output high voltage
Stretch output low voltage
Stretch output high voltage
VCCI supply rejection
4,7
4
4,7
4,7
4,7
13
4,7
1,16
1,16
1,16
9, 11
11
9
9
11
11
4
3·513ID
4·5
8·4
5·9
9·0
74·0
168·0
3·0
VCCO20·5
VCCO20·1
NOTE 1. ID = IR diode forward current
VCC = 5·0V, ID = 1·0µA
VCC = 4·5V, ID<1·5mA
VCC = 18V, ID = 1·0µA, VREGIN = 0V
VEEI = VEEO = VREG (see Figs. 4 & 6)
VCCO1VREGIN = 116V
TAMB = 170°C
ID = 1·0µA
ID = 100µA
ID = 0·5mA
Capacitance pin 9 to pin 10 (C8 on
Figs. 4 and 8) = 10nF;
1·5
VCC
where RX = 200kΩ 625%
and RX = internal resistance)
ISINK = 0·2mA max.
ISOURCE = 5µA
ISINK = 1·6mA max.
ISOURCE = 5µA, output open circuit
Ripple amplitude at 100Hz,
VREGIN = 0V
Ripple amplitude at 100Hz,
VEEO and VEEI = 0V
tP ≈ 2RX C8 loge
ms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com