Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8FGR7-Q3 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8FGR7-Q3
Description  8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8FGR7-Q3 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button COP8FGR7-Q3 Datasheet HTML 7Page - National Semiconductor (TI) COP8FGR7-Q3 Datasheet HTML 8Page - National Semiconductor (TI) COP8FGR7-Q3 Datasheet HTML 9Page - National Semiconductor (TI) COP8FGR7-Q3 Datasheet HTML 10Page - National Semiconductor (TI) COP8FGR7-Q3 Datasheet HTML 11Page - National Semiconductor (TI) COP8FGR7-Q3 Datasheet HTML 12Page - National Semiconductor (TI) COP8FGR7-Q3 Datasheet HTML 13Page - National Semiconductor (TI) COP8FGR7-Q3 Datasheet HTML 14Page - National Semiconductor (TI) COP8FGR7-Q3 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
4.0 Pin Descriptions
The COP8FGx I/O structure enables designers to reconfig-
ure the microcontroller’s I/O functions with a single instruc-
tion. Each individual I/O pin can be independently configured
as output pin low, output high, input with high impedance or
input with weak pull-up device. A typical example is the use
of I/O pins as the keyboard matrix input lines. The input lines
can be programmed with internal weak pull-ups so that the
input lines read logic high when the keys are all open. With
a key closure, the corresponding input line will read a logic
zero since the weak pull-up can easily be overdriven. When
the key is released, the internal weak pull-up will pull the in-
put line back to logic high. This eliminates the need for exter-
nal pull-up resistors. The high current options are available
for driving LEDs, motors and speakers. This flexibility helps
to ensure a cleaner design, with less external components
and lower costs. Below is the general description of all avail-
able pins.
V
CC and GND are the power supply pins. All VCC and GND
pins must be connected.
CKI is the clock input. This can come from the Internal R/C
oscillator, external, or a crystal oscillator (in conjunction with
CKO). See Oscillator Description section.
RESET is the master reset input. See Reset description sec-
tion.
Each device contains four bidirectional 8-bit I/O ports (C, G,
L and F), where each individual bit may be independently
configured as an input (Schmitt trigger inputs on ports L and
G), output or TRI-STATE under program control. Three data
memory address locations are allocated for each of these
I/O ports. Each I/O port has two associated 8-bit memory
mapped registers, the CONFIGURATION register and the
output DATA register. A memory mapped address is also re-
served for the input pins of each I/O port. (See the memory
map for the various addresses associated with the I/O ports.)
Figure 5 shows the I/O port configurations. The DATA and
CONFIGURATION registers allow for each port bit to be in-
dividually configured under software control as shown below:
CONFIGURATION
Register
DATA
Register
Port Set-Up
0
0
Hi-Z Input
(TRI-STATE Output)
0
1
Input with Weak Pull-Up
1
0
Push-Pull Zero Output
1
1
Push-Pull One Output
Port L is an 8-bit I/O port. All L-pins have Schmitt triggers on
the inputs.
Port L supports the Multi-Input Wake Up feature on all eight
pins. Port L has the following alternate pin functions:
L7 Multi-input Wakeup or T3B (Timer T3B Input)
L6 Multi-input Wakeup or T3A (Timer T3A Input)
L5 Multi-input Wakeup or T2B (Timer T2B Input)
L4 Multi-input Wakeup or T2A (Timer T2A Input)
L3 Multi-input Wakeup and/or RDX (USART Receive)
L2 Multi-input Wakeup or TDX (USART Transmit)
L1 Multi-input Wakeup and/or CKX (USART Clock)
L0 Multi-input Wakeup
Port G is an 8-bit port. Pin G0, G2–G5 are bi-directional I/O
ports. Pin G6 is always a general purpose Hi-Z input. All pins
have Schmitt Triggers on their inputs.Pin G1 serves as the
dedicated WATCHDOG output with weak pullup if
WATCHDOG feature is selected by the Mask Option reg-
ister. The pin is a general purpose I/O if WATCHDOG fea-
ture is not selected. If WATCHDOG feature is selected, bit
1 of the Port G configuration and data register does not have
any effect on Pin G1 setup. Pin G7 is either input or output
depending on the oscillator option selected. With the crystal
oscillator option selected, G7 serves as the dedicated output
pin for the CKO clock output. With the internal R/C or the ex-
ternal oscillator option selected, G7 serves as a general pur-
pose Hi-Z input pin and is also used to bring the device out
of HALT mode with a low to high transition on G7.
Since G6 is an input only pin and G7 is the dedicated CKO
clock output pin (crystal clock option) or general purpose in-
put (R/C or external clock option), the associated bits in the
data and configuration registers for G6 and G7 are used for
special purpose functions as outlined below. Reading the G6
and G7 data bits will return zeroes.
Each device will be placed in the HALT mode by writing a “1”
to bit 7 of the Port G Data Register. Similarly the device will
be placed in the IDLE mode by writing a “1” to bit 6 of the
Port G Data Register.
Writing a “1” to bit 6 of the Port G Configuration Register en-
ables the MICROWIRE/PLUS to operate with the alternate
phase of the SK clock. The G7 configuration bit, if set high,
enables the clock start up delay after HALT when the R/C
clock configuration is used.
Config. Reg.
Data Reg.
G7
CLKDLY
HALT
G6
Alternate SK
IDLE
Port G has the following alternate features:
G7 CKO Oscillator dedicated output or general purpose in-
put
G6 SI (MICROWIRE Serial Data Input)
G5 SK (MICROWIRE Serial Clock)
G4 SO (MICROWIRE Serial Data Output)
G3 T1A (Timer T1 I/O)
G2 T1B (Timer T1 Capture Input)
G1 WDOUT WATCHDOG and/or CLock Monitor if WATCH-
DOG enabled, otherwise it is a general purpose I/O
G0 INTR (External Interrupt Input)
Port C is an 8-bit I/O port. The 40-pin device does not have
a full complement of Port C pins. The unavailable pins are
not terminated. A read operation on these unterminated pins
will return unpredictable values. The 28 pin device do not of-
fer Port C. On this device, the associated Port C Data and
Configuration registers should not be used.
Port F is an 8-bit I/O port. The 28--pin device does not have
a full complement of Port F pins. The unavailable pins are
not terminated. A read operation on these unterminated pins
will return unpredictable values.
Port F1–F3 are used for Comparator 1. Port F4–F6 are used
for Comparator 2.
The Port F has the following alternate features:
F6 COMP2OUT (Comparator 2 Output)
F5 COMP2+IN (Comparator 2 Positive Input)
F4 COMP2-IN (Comparator 2 Negative Input)
F3 COMP1OUT (Comparator 1 Output)
F2 COMP1+IN (Comparator 1 Positive Input)
F1 COMP1-IN (Comparator 1 Negative Input)
Note: For compatibility with existing software written for COP888xG devices
and with existing Mask ROM devices, a read of the Port I input pins
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com