Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8718 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SP8718
Description  520MHz LOW CURRENT TWO-MODULUS DIVIDERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SP8718 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SP8718 Datasheet HTML 1Page - List of Unclassifed Manufacturers SP8718 Datasheet HTML 2Page - List of Unclassifed Manufacturers SP8718 Datasheet HTML 3Page - List of Unclassifed Manufacturers SP8718 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FEATURES
DC to 520MHz Operation
-40
°C to +85°C Temperature Range
Control Inputs and Outputs are CMOS Compatible
QUICK REFERENCE DATA
Supply Voltage 5.0V
± 0.25V
Supply Current 10.5mA typ.
SP8716/8/9
520MHz LOW CURRENT TWO-MODULUS DIVIDERS
SP8716
÷ 40/41, SP8718 ÷ 64/65, SP8719 ÷ 80/81 are
50mW programmable dividers with a maximum specified
operating frequency of 520MHz over the temperature range
-40
°C to + 85 °C.
The signal (clock) inputs are biased internally and require
to be capacitor coupled. The output stage is of an unusual low
power design featuring dynamic pull-up, and optimised for
driving CMOS. The 0 to 1 output edge should be used to give
the best loop delay performance.
Figure : 1 Pin connections - top view
DP8, MP8
ABSOLUTE MAXIMUM RATINGS
Supply voltage pin 2 or 8):
8V
Storage temperature range:
-55
°C to +150°C
Max. Junction temperature:
+175
°C
Max. clock I/P voltage:
2.5V p-p
DS 3292 -1
Figure 2 : Functional diagram
MODULUS CONTROL UNIT
1
Vcc
8
OUTPUT Vcc
2
NO CONNECTION
7
OUTPUT
3
INPUT
6
0V
4
INPUT DECOUPLING
5
SP
8716/8/9
SIGNAL
INPUT
6
5
4
0V
1
MODULUS
CONTROL
INPUT
1.5k
1k
300
3 OUTPUT
7k
Vcc
2
Vcc
8
÷P/P + 1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com