Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1T45DBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1T45DBVT
Description  SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1T45DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC1T45DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
SN74LVC1T45
SINGLEBIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES515E − DECEMBER 2003 − REVISED MAY 2004
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCCA = 1.8 V ± 0.15 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.8 V
± 0.15 V
VCCB = 2.5 V
± 0.2 V
VCCB = 3.3 V
± 0.3 V
VCCB = 5 V
± 0.5 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
B
3
17.7
2.2
10.3
1.7
8.3
1.4
7.2
ns
tPHL
A
B
2.8
14.3
2.2
8.5
1.8
7.1
1.7
7
ns
tPLH
B
A
3
17.7
2.3
16
2.1
15.5
1.9
15.1
ns
tPHL
B
A
2.8
14.3
2.1
12.9
2
12.6
1.8
12.2
ns
tPHZ
DIR
A
5.2
19.4
4.8
18.5
4.7
18.4
5.1
17.1
ns
tPLZ
DIR
A
2.3
10.5
2.1
10.5
2.4
10.7
3.1
10.9
ns
tPHZ
DIR
B
7.4
21.9
4.9
11.5
4.6
10.3
2.8
8.2
ns
tPLZ
DIR
B
4.2
16
3.7
9.2
3.3
8.4
2.4
6.4
ns
tPZH†
DIR
A
33.7
25.2
23.9
21.5
ns
tPZL†
DIR
A
36.2
24.4
22.9
20.4
ns
tPZH†
DIR
B
28.2
20.8
19
18.1
ns
tPZL†
DIR
B
33.7
27
25.5
24.1
ns
† The enable time is a calculated value, derived using the formula shown in the section entitled enable times on page 16.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCCA = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.8 V
± 0.15 V
VCCB = 2.5 V
± 0.2 V
VCCB = 3.3 V
± 0.3 V
VCCB = 5 V
± 0.5 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
B
2.3
16
1.5
8.5
1.3
6.4
1.1
5.1
ns
tPHL
A
B
2.1
12.9
1.4
7.5
1.3
5.4
0.9
4.6
ns
tPLH
B
A
2.2
10.3
1.5
8.5
1.4
8
1
7.5
ns
tPHL
B
A
2.2
8.5
1.4
7.5
1.3
7
0.9
6.2
ns
tPHZ
DIR
A
3
8.1
3.1
8.1
2.8
8.1
3.2
8.1
ns
tPLZ
DIR
A
1.3
5.9
1.3
5.9
1.3
5.9
1
5.8
ns
tPHZ
DIR
B
6.5
23.7
4.1
11.4
3.9
10.2
2.4
7.1
ns
tPLZ
DIR
B
3.9
18.9
3.2
9.6
2.8
8.4
1.8
5.3
ns
tPZH†
DIR
A
29.2
18.1
16.4
12.8
ns
tPZL†
DIR
A
32.2
18.9
17.2
13.3
ns
tPZH†
DIR
B
21.9
14.4
12.3
10.9
ns
tPZL†
DIR
B
21
15.6
13.5
12.7
ns
† The enable time is a calculated value, derived using the formula shown in the section entitled enable times on page 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com