Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA016A Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA016A
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA016A Datasheet HTML 17Page - STMicroelectronics STA016A Datasheet HTML 18Page - STMicroelectronics STA016A Datasheet HTML 19Page - STMicroelectronics STA016A Datasheet HTML 20Page - STMicroelectronics STA016A Datasheet HTML 21Page - STMicroelectronics STA016A Datasheet HTML 22Page - STMicroelectronics STA016A Datasheet HTML 23Page - STMicroelectronics STA016A Datasheet HTML 24Page - STMicroelectronics STA016A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
21/43
STA016A
6.7 CDBSA_CONFIGURATION registers
description
6.7.1
INPUT_CONF :
Address : 0x5A (90)
Type : RW - DEC
Software Reset : 0
Description :
If set to 1 enable the configurability of the CD & BS
input interfaces in audio mode thanks to following
registers, else disable this configurability and take
embedded default configuration.
Note that this embedded default configuration can be
retrieved by user thanks to following setting :
– I_AUDIO_CONFIG1 = b00010010;
// clocks in input
// & polarity negative
– I_AUDIO_CONFIG2 = b00110010;
// synchro with first data bit
// data unsigned, MSB first
– I_AUDIO_CONFIG3 = b11001111;
// LRCK phase length is 1
– I_AUDIO_CONFIG4 = b00000011;
// LRCK phase length is 16
– I_AUDIO_CONFIG5 = 0xFF;
// received 16 bits
– I_AUDIO_CONFIG6 = 0xFF;
// received 16 bits
– I_AUDIO_CONFIG7 = 0x00;
// received 16 bits
– I_AUDIO_CONFIG8 = 0x00;
// received 16 bits
– I_AUDIO_CONFIG9 = 16;
// data size is 16
– I_AUDIO_CONFIG10 = 0x00;
// no use because clock in input
– I_AUDIO_CONFIG11 = 0x00;
// no use because clock in input
6.7.2
_AUDIO_CONFIG_1 :
Address : 0x5B (91)
Type : RW - DEC
Software Reset : 0
Description :
If INPUT_CONF == 1, this register is used to config-
urate CD & BS input interfaces in audio mode
Table 19.
6.7.3
I_AUDIO_CONFIG_2 :
Address : 0x5C (92)
Type : RW - DEC
Software Reset : 0
Description :
If INPUT_CONF == 1, this register is used to config-
urate CD & BS input interfaces in audio mode
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
CF7
CF6
CF5
CF4
CF3
CF2
CF1
CF0
Bit
Comment
CF0
Reserved : to be set to 0
CF1
Reserved : to be set to 1
CF2
Direction of bit clocks CD_BCK & BS_BCK:
0 : input
1 : output
CF3
Polarity of bit clocks CD_BCK & BS_BCK :
0 : data provided on falling edge & stable on
rising edge
1 : data provided on rising edge & stable on
falling edge
CF4
Reserved : to be set to 1
CF5
Direction of LR clocks CD_LRCK &
BS_LRCK :
0 : input
1 : output
CF6
Polarity of LR clocks CD_LRCK &
BS_LRCK :
0 : left sample corresponds to the low level
phase of LRCK
1 : left sample corresponds to the high level
phase of LRCK
CF7
Reserved : to be set to 0
b7
b6
b5
b4
b3
b2
b1
b0
CF15 CF14 CF13 CF12 CF11 CF10
CF9
CF8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com