Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT260 Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # FT260
Description  Future Technology Devices International Ltd.
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260 Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  FT260 Datasheet HTML 1Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 2Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 3Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 4Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 5Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
Copyright © 2016 Future Technology Devices International Limited
2
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.0
Doc ument N o.: FT _001272 C learance N o.: FT DI#484
1
Typical Applications
HID class Device controller
USB to HID-over-I2C Bridge
USB to I2C master controller
USB to RS232/RS422/RS485 Converters
Interfacing MCU/PLD/FPGA based designs to
USB
USB Instrumentation
1.1
Driver Support
The USB Human Interface Device (HID) class is natively supported by most operation systems. A custom
driver is not required to be installed for the FT260.
Windows 10 32, 64-bit
Windows 8.1 32, 64-bit
Windows 8 32, 64-bit
Windows 7 32, 64-bit
Windows Vista and Vista 64-bit
Windows XP and XP 64-bit
Windows CE 4.2, 5.0, 5.2, 6.0
Windows Server 2008, 2003, 2000
Windows Embedded Operating Systems
Mac OS X
Linux
Android
1.2
Part Numbers
Part Number
Package
FT260Q-x
28 Pin WQFN
Note: Packing codes for x is:
- R: Taped and Reel, 2,500pcs per reel
- T: Tray packing, 490pcs per tray
For example: FT260Q-R is 2,500pcs taped and reel packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com