Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT601Q Datasheet(PDF) 19 Page - Future Technology Devices International Ltd.

Part # FT601Q
Description  Future Technology Devices International Ltd.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT601Q Datasheet(HTML) 19 Page - Future Technology Devices International Ltd.

Back Button FT601Q Datasheet HTML 15Page - Future Technology Devices International Ltd. FT601Q Datasheet HTML 16Page - Future Technology Devices International Ltd. FT601Q Datasheet HTML 17Page - Future Technology Devices International Ltd. FT601Q Datasheet HTML 18Page - Future Technology Devices International Ltd. FT601Q Datasheet HTML 19Page - Future Technology Devices International Ltd. FT601Q Datasheet HTML 20Page - Future Technology Devices International Ltd. FT601Q Datasheet HTML 21Page - Future Technology Devices International Ltd. FT601Q Datasheet HTML 22Page - Future Technology Devices International Ltd. FT601Q Datasheet HTML 23Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Copyright © 2016 Future Technology Devices International Limited
19
FT600Q-FT601Q IC DatasheetDatasheet
Version 1.02
Doc ument N o.: FT _001118
C learance N o.: FT DI#424
5.3
DC Characteristics
5.3.1
DC Characteristics (Ambient Temperature = -40°C to +85°C)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCC33/VDDA
VCC Operating Supply
Voltage
3.0
3.3
3.6
V
VCCIO_1
VCCIO Operating Supply
Voltage
3.0
3.3
3.6
V
VCCIO=3.3V
VCCIO_2
VCCIO Operating Supply
Voltage
2.3
2.5
2.7
V
VCCIO=2.5V
VCCIO_3
VCCIO Operating Supply
Voltage
1.65
1.8
1.95
V
VCCIO=1.8V
VD10/AVDD
Core/PLL Operating
Supply Voltage
0.9
1.0
1.1
V
Icc_1
VCC Operating Supply
Current
-
70
-
mA
Idle, SuperSpeed
Icc_2
VCC Operating Supply
Current
-
65
-
mA
Idle, High Speed
Icc_3
VCC Operating Supply
Current
-
185
-
mA
Active, SuperSpeed,
Multi-Channel FIFO
mode
Icc_3
VCC Operating Supply
Current
-
4
-
mA
USB Suspend
Iccio_1
VCCIO Operating Supply
Current
-
4.5
-
mA
No data transfer
Iccio_2
VCCIO Operating Supply
Current
9.5
mA
Data transfer
Iccio_3
VCCIO Operating Supply
Current
70
μA
USB Suspend
Table 5.3 DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com