Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV0674 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV0674
Description  Tri-mode CMOS digital camera co-processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0674 Datasheet(HTML) 1 Page - STMicroelectronics

  STV0674 Datasheet HTML 1Page - STMicroelectronics STV0674 Datasheet HTML 2Page - STMicroelectronics STV0674 Datasheet HTML 3Page - STMicroelectronics STV0674 Datasheet HTML 4Page - STMicroelectronics STV0674 Datasheet HTML 5Page - STMicroelectronics STV0674 Datasheet HTML 6Page - STMicroelectronics STV0674 Datasheet HTML 7Page - STMicroelectronics STV0674 Datasheet HTML 8Page - STMicroelectronics STV0674 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
July 2003
ADCS 7269750C
1/35
STV0674
Tri-mode CMOS digital camera co-processor
®
Description
The STV0674 is a flexible, scalable digital camera
co-processor for use with the range of CMOS
imaging sensor products from STMicroelectronics.
The same chipset can be used for a wide range of
digital imaging products with unique features and
price/performance points.
The STV0674 is designed for use with CIF
(352x288) or VGA (640x480) ST CMOS image
sensors and provides full exposure control, color
processing and mode control for these sensors.
The STV0674 can be used to implement any of the
following products:
Low cost USB Webcam Camera - a two-chip
solution providing up to 30 frames per second VGA
simultaneous video and audio capture.
Dual-Mode Camera - USB webcam and CIF or
VGA digital still camera in a single product.
Tri-Mode Camera - USB webcam and digital still
camera with the addition of a ‘camcorder’ mode to
allow simultaneous video and audio capture directly
to external memory for later upload to the PC.
Features
s VGA or CIF CMOS sensor support
s Hardware color processing and JPEG
compression of image data
s Still image capture
s Tethered video operation over USB
q
Simultaneous video and audio capture
s USB
q
USB for PC and MacOS (in development)
s Flexible external memory options
q
SDRAM for lower cost, (8 or 16 bit)
q
FLASH for non volatile storage (Data + Code)
q
Smartmedia Card for removable data storage
q
EEPROM for code storage
s Record simultaneous video and audio direct
to memory while untethered
s Drivers for PC operating systems Win98,
WinME, Win2K and WIn XP.
Application Block Diagram
LCD Image Display
NAND
FLASH
LCD Icon Display
SmartMedia
Flash card
SOCKET
SDRAM
x16 or x8
Audio Playback
POWER
AMP
Buzzer
5
USB
Interface
Memory
Processor
Microphone
to Host PC
OR
Video
Processor
Video
Compression
Micro
Audio
Interface
USB Cable
Removable
OR
STV0674 100TQFP
User Interface
Buttons/ Switches
Image
Array
+
BOOT
EE-
-PROM
LCD
Driver
Chip
LCD
Driver
Chip
STMicroelectonics
CMOS Sensor
GPIO
Flashgun
Module
OEM
Hardware Enabled
Firmware enabled


Similar Part No. - STV0674

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0674T100 STMICROELECTRONICS-STV0674T100 Datasheet
52Kb / 2P
VGA Color CMOS Image Sensor Module
May-2004
More results

Similar Description - STV0674

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0676 STMICROELECTRONICS-STV0676 Datasheet
153Kb / 21P
CMOS Digital Camera Co-processor
Oct-2002
STV0681 STMICROELECTRONICS-STV0681 Datasheet
351Kb / 44P
DUAL-MODE DIGITAL CAMERA CO-PROCESSOR
Mar-2003
logo
Samsung semiconductor
KS7301B SAMSUNG-KS7301B Datasheet
359Kb / 34P
DIGITAL CAMERA PROCESSOR
KS7306 SAMSUNG-KS7306 Datasheet
405Kb / 54P
DIGITAL CAMERA PROCESSOR
logo
Hitachi Semiconductor
HD49815TF HITACHI-HD49815TF Datasheet
91Kb / 25P
Digital Camera Signal Processor
logo
STMicroelectronics
STV0684 STMICROELECTRONICS-STV0684 Datasheet
487Kb / 49P
Digital Camera Processor
logo
Zoran Corporation
ZR36460 ZORAN-ZR36460 Datasheet
94Kb / 2P
Digital Camera Processor
ZR36470 ZORAN-ZR36470 Datasheet
81Kb / 2P
Digital Camera Processor
COACH10 ZORAN-COACH10 Datasheet
116Kb / 2P
Digital Camera Processor
logo
Renesas Technology Corp
HD49815TF RENESAS-HD49815TF Datasheet
278Kb / 22P
Digital Camera Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com