Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7594 Datasheet(PDF) 11 Page - IXYS Corporation

Part # CPC7594
Description  TTL Logic Level Inputs for 3.3V Logic Interfaces
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7594 Datasheet(HTML) 11 Page - IXYS Corporation

Back Button CPC7594 Datasheet HTML 7Page - IXYS Corporation CPC7594 Datasheet HTML 8Page - IXYS Corporation CPC7594 Datasheet HTML 9Page - IXYS Corporation CPC7594 Datasheet HTML 10Page - IXYS Corporation CPC7594 Datasheet HTML 11Page - IXYS Corporation CPC7594 Datasheet HTML 12Page - IXYS Corporation CPC7594 Datasheet HTML 13Page - IXYS Corporation CPC7594 Datasheet HTML 14Page - IXYS Corporation CPC7594 Datasheet HTML 15Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7594
R04
www.ixysic.com
11
1.10 Truth Tables
1.10.1 CPC7594xA and CPC7594xB Truth Table
1.10.2 CPC7594xC Truth Table
State
INRINGING
INTEST
LATCH
TSD
Break
Switches
Ringing
Switches
Test
Switches
Talk
0
0
0
Z 1
On
Off
Off
Test
0
1
Off
Off
On
Ringing
1
0
Off
On
Off
All-Off
1
1
Off
Off
Off
Latched
X
X
1
Unchanged
All-Off
X
X
X
0
Off
Off
Off
1 Z = High Impedance. Because T
SD has an internal pull up at this pin, it should be controlled with an open-collector or open-drain type device.
State
INRINGING
INTEST
LATCH
TSD
Break
Switches
Ringing
Switches
Test
Switches
Talk
0
0
0
Z 1
On
Off
Off
Test/Monitor
0
1
On
Off
On
Ringing
1
0
Off
On
Off
All-Off
1
1
Off
Off
Off
Latched
X
X
1
Unchanged
All-Off
X
X
X
0
Off
Off
Off
1 Z = High Impedance. Because T
SD has an internal pull up at this pin, it should be controlled with an open-collector or open-drain type device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com