Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXDN604SIA Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXDN604SIA
Description  AEC Q100 Qualified
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN604SIA Datasheet(HTML) 1 Page - IXYS Corporation

  IXDN604SIA Datasheet HTML 1Page - IXYS Corporation IXDN604SIA Datasheet HTML 2Page - IXYS Corporation IXDN604SIA Datasheet HTML 3Page - IXYS Corporation IXDN604SIA Datasheet HTML 4Page - IXYS Corporation IXDN604SIA Datasheet HTML 5Page - IXYS Corporation IXDN604SIA Datasheet HTML 6Page - IXYS Corporation IXDN604SIA Datasheet HTML 7Page - IXYS Corporation IXDN604SIA Datasheet HTML 8Page - IXYS Corporation IXDN604SIA Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
INTEGRATED CIRCUITS DIVISION
DS-IXD_604SI_SIA-R02
www.ixysic.com
1
Features
• AEC Q100 Qualified
• 4A Peak Source/Sink Drive Current
• Wide Operating Voltage Range: 4.5V to 35V
• AEC Q100 Grade 1 -40°C to +125°C Operating
Temperature Range
• Logic Input Withstands Negative Swing of up to 5V
• Outputs May be Connected in Parallel for Higher
Drive Current
• Matched Rise and Fall Times
• Low Propagation Delay Time
• Low, 10
A Supply Current
• Low Output Impedance
Features
• Automotive DC/DC regulators
• Electronic Power Steering
• Electric Vehicle Power Train Drives
• Brushless DC motors
Description
The IXD_604SI and IXD_604SIA are automotive
grade, dual high-speed gate drivers that are qualified
according to AEC Q100 standards. Each of the two
outputs can source and sink 4A of peak current, while
producing rise and fall times of less than 10ns. The
outputs and inputs are rated to 35V. The input of each
driver is virtually immune to latch-up, and proprietary
circuitry eliminates cross-conduction and
"shoot-through." The IXD_604 has a Grade 1, -40°C
to +125°C ambient operating temperature range.
The IXDD604 is a dual non-inverting driver with an
enable. The IXDN604 is a dual non-inverting driver,
the IXDI604 is a dual inverting driver, and the IXDF604
has one inverting driver and one non-inverting driver.
The AEC Q100 qualified IXD_604SIA is available in a
standard 8-pin SOIC package, and the IXD_604SI is
available in an 8-pin Power SOIC package with an
exposed metal back.
Ordering Information
Part Number
Logic
Configuration
Package Type
Packing
Method
Quantity
IXDD604SI
8-Pin Power SOIC with Exposed Metal Back
Tube
100
IXDD604SITR
8-Pin Power SOIC with Exposed Metal Back
Tape & Reel
2000
IXDD604SIA
8-Pin SOIC
Tube
100
IXDD604SIATR
8-Pin SOIC
Tape & Reel
2000
IXDF604SI
8-Pin Power SOIC with Exposed Metal Back
Tube
100
IXDF604SITR
8-Pin Power SOIC with Exposed Metal Back
Tape & Reel
2000
IXDF604SIA
8-Pin SOIC
Tube
100
IXDF604SIATR
8-Pin SOIC
Tape & Reel
2000
IXDI604SI
8-Pin Power SOIC with Exposed Metal Back
Tube
100
IXDI604SITR
8-Pin Power SOIC with Exposed Metal Back
Tape & Reel
2000
IXDI604SIA
8-Pin SOIC
Tube
100
IXDI604SIATR
8-Pin SOIC
Tape & Reel
2000
IXDN604SI
8-Pin Power SOIC with Exposed Metal Back
Tube
100
IXDN604SITR
8-Pin Power SOIC with Exposed Metal Back
Tape & Reel
2000
IXDN604SIA
8-Pin SOIC
Tube
100
IXDN604SIATR
8-Pin SOIC
Tape & Reel
2000
ENA
INA
ENB
INB
OUTA
OUTB
A
B
INA
INB
A
B
OUTA
OUTB
INA
INB
A
B
OUTA
OUTB
INA
INB
OUTA
OUTB
A
B
IXD_604SI & SIA
Automotive Grade
4-Ampere, Dual Low-Side, Ultrafast MOSFET Drivers


Similar Part No. - IXDN604SIA

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IXDN604SIA CLARE-IXDN604SIA Datasheet
1Mb / 13P
4-Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDN604SIA IXYS-IXDN604SIA Datasheet
320Kb / 13P
4A Peak Source/Sink Drive Current
logo
Clare, Inc.
IXDN604SIATR CLARE-IXDN604SIATR Datasheet
1Mb / 13P
4-Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDN604SIATR IXYS-IXDN604SIATR Datasheet
320Kb / 13P
4A Peak Source/Sink Drive Current
More results

Similar Description - IXDN604SIA

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
AEC-Q100 Qualified
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
AEC-Q100 Qualified
logo
IXYS Corporation
IXD_609SI IXYS-IXD_609SI Datasheet
255Kb / 11P
AEC Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com