Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8922 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8922
Description  2 x 25 W class-D power amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8922 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8922 Datasheet HTML 4Page - NXP Semiconductors TDA8922 Datasheet HTML 5Page - NXP Semiconductors TDA8922 Datasheet HTML 6Page - NXP Semiconductors TDA8922 Datasheet HTML 7Page - NXP Semiconductors TDA8922 Datasheet HTML 8Page - NXP Semiconductors TDA8922 Datasheet HTML 9Page - NXP Semiconductors TDA8922 Datasheet HTML 10Page - NXP Semiconductors TDA8922 Datasheet HTML 11Page - NXP Semiconductors TDA8922 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
2003 Mar 20
8
Philips Semiconductors
Objective specification
2
× 25 W class-D power amplifier
TDA8922
handbook, full pagewidth
audio
operating
mute
standby
4 V
2 V
0 V (SGND)
time
Vmode
100 ms
>50 ms
switching
audio
operating
standby
4 V
0 V (SGND)
time
MBL465
Vmode
100 ms
50 ms
switching
Fig.5 Timing on mode selection input.
When switching from standby to mute, there is a delay of 100 ms before the output starts switching. The audio signal is available after Vmode has been
set to operating, but not earlier than 150 ms after switching to mute.
When switching from standby to operating, there is a first delay of 100 ms before the outputs starts switching. The audio signal is available after a
second delay of 50 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com