Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUZ22 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUZ22
Description  High input impedance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUZ22 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUZ22 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUZ22 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
BUZ22
DESCRIPTION
·Static Drain-Source On-Resistance
: RDS(on) = 0.055Ω(Max)
·SOA is Power Dissipation Limited
·High input impedance
APPLICATIONS
designed for applications such as switching regulators,
switching converters, motor drivers,relay drivers and
drivers for high power bipolar switching transistors
requiring high speed and low gate drive power.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
ARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
100
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current-continuous@ TC=37℃
34
A
Ptot
Total Dissipation@TC=25℃
125
W
Tj
Max. Operating Junction Temperature
-55~150
Tstg
Storage Temperature Range
-55~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
75
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - BUZ22

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ22 SIEMENS-BUZ22 Datasheet
183Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ220 SIEMENS-BUZ220 Datasheet
174Kb / 6P
main ratings
BUZ221 SIEMENS-BUZ221 Datasheet
177Kb / 6P
main ratings
logo
Infineon Technologies A...
BUZ22SMD INFINEON-BUZ22SMD Datasheet
916Kb / 8P
SIPMOS Power Transistor
05.04
More results

Similar Description - BUZ22

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGU20N40 FAIRCHILD-SGU20N40 Datasheet
149Kb / 5P
High input impedance
SGH23N60UFDTU FAIRCHILD-SGH23N60UFDTU Datasheet
633Kb / 7P
High Input Impedance
FGS15N40LTF FAIRCHILD-FGS15N40LTF Datasheet
210Kb / 6P
High Input Impedance
logo
M.S. Kennedy Corporatio...
MSK0002 MSK-MSK0002_15 Datasheet
135Kb / 5P
High Input Impedance-180K Min
logo
Inchange Semiconductor ...
BUZ76 ISC-BUZ76 Datasheet
67Kb / 2P
High Input Impedance
BUZ11S2 ISC-BUZ11S2 Datasheet
66Kb / 2P
High input impedance
BUZ12 ISC-BUZ12 Datasheet
66Kb / 2P
High input impedance
BUZ12A ISC-BUZ12A Datasheet
66Kb / 2P
High input impedance
logo
Toshiba Semiconductor
MG100Q2YS11 TOSHIBA-MG100Q2YS11 Datasheet
333Kb / 5P
high input impedance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com