Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC0832LCV Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0832LCV
Description  8-Bit P Compatible, Double-Buffered D to A Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0832LCV Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button DAC0832LCV Datasheet HTML 20Page - National Semiconductor (TI) DAC0832LCV Datasheet HTML 21Page - National Semiconductor (TI) DAC0832LCV Datasheet HTML 22Page - National Semiconductor (TI) DAC0832LCV Datasheet HTML 23Page - National Semiconductor (TI) DAC0832LCV Datasheet HTML 24Page - National Semiconductor (TI) DAC0832LCV Datasheet HTML 25Page - National Semiconductor (TI) DAC0832LCV Datasheet HTML 26Page - National Semiconductor (TI) DAC0832LCV Datasheet HTML 27Page - National Semiconductor (TI) DAC0832LCV Datasheet HTML 28Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Applications (Continued)
Two Terminal Floating 4 to 20 mA Current Loop Controller
00560819
•
DAC0830 linearly controls the current flow from the input terminal to the output terminal to be 4 mA (for D=0) to 19.94 mA (for
D=255).
•
Circuit operates with a terminal voltage differential of 16V to 55V.
•
P
2 adjusts the magnitude of the output current and P1 adjusts the zero to full scale range of output current.
•
Digital inputs can be supplied from a processor using opto isolators on each input or the DAC latches can flow-through
(connect control lines to pins 3 and 10 of the DAC) and the input data can be set by SPST toggle switches to ground (pins 3
and 10).
DAC Controlled Exponential Time Response
00560820
•
Output responds exponentially to input changes and automatically stops when V
OUT=VIN
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com