Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2262CD Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2262CD
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2262CD Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLC2262CD Datasheet HTML 23Page - Texas Instruments TLC2262CD Datasheet HTML 24Page - Texas Instruments TLC2262CD Datasheet HTML 25Page - Texas Instruments TLC2262CD Datasheet HTML 26Page - Texas Instruments TLC2262CD Datasheet HTML 27Page - Texas Instruments TLC2262CD Datasheet HTML 28Page - Texas Instruments TLC2262CD Datasheet HTML 29Page - Texas Instruments TLC2262CD Datasheet HTML 30Page - Texas Instruments TLC2262CD Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
TLC226x, TLC226xA
Advanced LinCMOS
 RAIL-TO-RAIL
OPERATIONAL AMPLIFIERS
SLOS177D – FEBRUARY 1997 – REVISED MARCH 2001
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLC2264Q/M operating characteristics at specified free-air temperature, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA†
TLC2264Q,
TLC2264M
TLC2264AQ,
TLC2264AM
UNIT
A
MIN
TYP
MAX
MIN
TYP
MAX
Slew rate at unity
VO =0 5Vto3 5V
R50 k
Ω‡
25
°C
0.35
0.55
0.35
0.55
SR
Slew rate at unity
gain
VO = 0.5 V to 3.5 V,
CL = 100 pF‡
RL = 50 kه,
Full
025
025
V/
µs
gain
CL = 100 F‡
range
0.25
0.25
V
Equivalent input
f = 10 Hz
25
°C
40
40
nV/
√Hz
Vn
q
noise voltage
f = 1 kHz
25
°C
12
12
nV/
√Hz
VN(PP)
Peak-to-peak
equivalent input
f = 0.1 Hz to 1 Hz
25
°C
0.7
0.7
µV
VN(PP)
equivalent input
noise voltage
f = 0.1 Hz to 10 Hz
25
°C
1.3
1.3
µV
In
Equivalent input
noise current
25
°C
0.6
0.6
fA /
√Hz
THD+N
Total harmonic
distortion plus
VO = 0.5 V to 2.5 V,
f
20 kHz
AV = 1
25
°C
0.017%
0.017%
THD + N
distortion plus
noise
f = 20 kHz,
RL = 50 kه
AV = 10
25
°C
0.03%
0.03%
Gain-bandwidth
f = 50 kHz,
RL = 50 kه,
25
°C
071
071
MHz
product
f
50 kHz,
CL = 100 pF‡
RL 50 kΩ ,
25
°C
0.71
0.71
MHz
BOM
Maximum output-
VO(PP) = 2 V,
AV = 1,
25
°C
185
185
kHz
BOM
swing bandwidth
O(PP)
,
RL = 50 kه,
V
,
CL = 100 pF‡
25
°C
185
185
kHz
AV = – 1,
To 0 1%
64
64
t
Settling time
AV = 1,
Step = 0.5 V to 2.5 V,
To 0.1%
25
°C
6.4
6.4
µs
ts
Settling time
,
RL = 50 kه,
‡
To 0 01%
25
°C
14 1
14 1
µs
L
CL = 100 pF‡
To 0.01%
14.1
14.1
φm
Phase margin at
unity gain
RL = 50 kه,
CL = 100 pF‡
25
°C
56
°
56
°
Gain margin
L
,
L
25
°C
11
11
dB
† Full range is – 40
°C to 125°C for Q suffix, – 55°C to 125°C for M suffix.
‡ Referenced to 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com