Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS45 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # MPS45
Description  45W Single Output for Medical Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MPS45 Datasheet(HTML) 1 Page - Astrodyne Corporation

  MPS45 Datasheet HTML 1Page - Astrodyne Corporation MPS45 Datasheet HTML 2Page - Astrodyne Corporation MPS45 Datasheet HTML 3Page - Astrodyne Corporation MPS45 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
45W Single Output for Medical Type
MPS45 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal AC input
Low leakage current ≤ 0.3mA
Protections: Short circuit / Overload / Over voltage / Over
temperature
Fixed switching frequency at 45KHz
Cooling by free air convection
Model Number Output Volts Output Amps Ripple & Noise Line Reg Load Reg Tolerance Min Load Efficiency
SINGLE OUTPUT
MPS45-3.3
3.3 Volts(DC)
8.0 Amps
80mV pk-pk
±1.0%
±3.0%
±3.0% 0~10.7 Amps
65%
MPS45-5
5 Volts(DC)
8.0 Amps
100mV pk-pk
±1.0%
±3.0%
±3.0% 0~10.5 Amps
72%
MPS45-7.5
7.5 Volts(DC)
5.4 Amps
100mV pk-pk
±1.0%
±3.0%
±3.0% 0~7 Amps
75%
MPS45-12
12 Volts(DC)
3.7 Amps
100mV pk-pk
±1.0%
±2.0%
±2.0% 0~4.4 Amps
76%
MPS45-13.5
13.5 Volts(DC)
3.3 Amps
100mV pk-pk
±1.0%
±2.0%
±2.0% 0~3.9 Amps
76%
MPS45-15
15 Volts(DC)
3.0 Amps
100mV pk-pk
±1.0%
±2.0%
±2.0% 0~3.5 Amps
77%
MPS45-24
24 Volts(DC)
1.9 Amps
100mV pk-pk
±1.0%
±2.0%
±2.0% 0~2.2 Amps
78%
MPS45-27
27 Volts(DC)
1.7 Amps
100mV pk-pk
±1.0%
±2.0%
±2.0% 0~1.95 Amps
78%
MPS45-48
48 Volts(DC)
1.0 Amps
100mV pk-pk
±1.0%
±2.0%
±2.0% 0~1.1 Amps
78%


Similar Part No. - MPS45

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MPS455 CENTRAL-MPS455 Datasheet
71Kb / 2P
NPN TRANSISTOR
MPS455 CENTRAL-MPS455_15 Datasheet
565Kb / 3P
SILICON NPN TRANSISTOR
logo
ITT Industries
MPS45WGW ITT-MPS45WGW Datasheet
599Kb / 4P
Magnetic Proximity Sensors
logo
C&K Components
MPS45WGW CK-COMPONENTS-MPS45WGW Datasheet
276Kb / 5P
Magnetic Proximity Sensors
More results

Similar Description - MPS45

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPS-45 TOTAL-POWER-MPS-45 Datasheet
345Kb / 2P
45W Single Output Medical Type
logo
Astrodyne Corporation
MPS-45 ASTRODYNE-MPS-45 Datasheet
1Mb / 6P
45W Single Output for Medical Type
logo
Mean Well Enterprises C...
MPS-45 MEANWELL-MPS-45 Datasheet
302Kb / 2P
45W Single Output Medical Type
MPT-45 MEANWELL-MPT-45 Datasheet
303Kb / 2P
45W Triple Output Medical Type
MPS-45 MEANWELL-MPS-45_11 Datasheet
305Kb / 2P
45W Single Output Medical Type
MPT-45 MEANWELL-MPT-45_11 Datasheet
307Kb / 2P
45W Triple Output Medical Type
MPT-45_1112 MEANWELL-MPT-45_1112 Datasheet
322Kb / 2P
45W Triple Output Medical Type
MPS-45_1112 MEANWELL-MPS-45_1112 Datasheet
321Kb / 2P
45W Single Output Medical Type
MPD-45_1112 MEANWELL-MPD-45_1112 Datasheet
318Kb / 2P
45W Dual Output Medical Type
RPS-45 MEANWELL-RPS-45 Datasheet
102Kb / 4P
45W Single Output Medical Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com