Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OFM-0102 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # OFM-0102
Description  10W Ultraminiature Open Frame Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

OFM-0102 Datasheet(HTML) 2 Page - Astrodyne Corporation

  OFM-0102 Datasheet HTML 1Page - Astrodyne Corporation OFM-0102 Datasheet HTML 2Page - Astrodyne Corporation OFM-0102 Datasheet HTML 3Page - Astrodyne Corporation OFM-0102 Datasheet HTML 4Page - Astrodyne Corporation OFM-0102 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
10W Ultraminiature Open Frame Switching Power Supplies
OFM10 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range
90-264 VAC (100-240VAC nom.)
Frequency Range
47-440 Hz (50-60Hz nom.)
Inrush Current, typ:
20A@100V, 40A@200V Input *
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation (20%-FL)
Single: +/- 3%, Duals: +/- 3%
Line Regulation
Single +/- 0.1~1%, typ
Duals +/- 0.3~1%, typ
Cross Regulation (Duals)
2%
Preset Accuracy
1%
DC Voltage Adjust (typ)
+/- 6% of FS (Primary)
Temperature Coefficient
+/-0.03%/°C
Ripple/Noise
Single Output: 100mV Pk-Pk, typ
Dual Output: 200mV Pk-Pk, typ
Over Voltage Protection
Clamp, 110-150%; 3.3V:170-200% *
Short Circuit Protection
Continuous, self-recovering
Hold Up Time
20 mS, typ
GENERAL SPECIFICATIONS
Input-Out Isolation
3KVAC
Efficiency typ.
74% - 81% (3.3V: 67%; 5V: 71%)
Switching Frequency
100Khz, (fixed, typical)
Safety UL/cUL:
UL60950-1 2nd ed./
C22.2 60950-1 2nd ed.
UL-EU:
EN60950-1 2nd ed.
CE:
EN60601-1-2
CB:
IEC60950-1 2nd ed.
PHYSICAL SPECIFICATIONS
Size
1.77” x 2.56” x 0.94”
Construction
Open Frame
Weight
1.6oz (44g)
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
0 to +70°C (See Derate)
Storage Temperature
-25 to +71°C *
Relative Humidity
0 to + 95%, non-cond *
EMC
EN55011 Class B
MTBF (Mil Std 217, 25°C)
575,000 Hrs
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com