Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD65 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # PD65
Description  65W Dual Output Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PD65 Datasheet(HTML) 1 Page - Astrodyne Corporation

  PD65 Datasheet HTML 1Page - Astrodyne Corporation PD65 Datasheet HTML 2Page - Astrodyne Corporation PD65 Datasheet HTML 3Page - Astrodyne Corporation PD65 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
65W Dual Output Switching Power Supply
PD65 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal AC input
Low leakage current ≤ 0.5mA
Protections: Short circuit / Overload / Over voltage
Fixed switching frequency at 65KHz
Cooling by free air convection
High reliability
Model Number Output Volts Output Amps Ripple & Noise Line Reg Load Reg Efficiency Volt Tolerance Min Load
DUAL OUTPUT
PD-65A
5 Volts(DC)
5.5 Amps
50mVpk-pk
±1.0%
±3.0%
78%
±4.0%
0.4~7.0Amps
12 Volts(DC)
2.8 Amps
120mVpk-pk
±2.0%
±4.0%
78%
±7.0%
0.2~3.2Amps
PD-65B
5 Volts(DC)
3.5 Amps
50mVpk-pk
±1.0%
±3.0%
81%
±4.0%
0.4~6.0Amps
24 Volts(DC)
2.0 Amps
150mVpk-pk
±2.0%
±4.0%
81%
±7.0%
0.2~2.6Amps


Similar Part No. - PD65

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PD65 TRUMPOWER-PD65 Datasheet
218Kb / 3P
50-65 WATT DC TO DC CONVERTERS
logo
List of Unclassifed Man...
PD65-10 ETC-PD65-10 Datasheet
67Kb / 2P
DC/DC Converters
logo
Tumbler Technologies + ...
PD65-10 TRUMPOWER-PD65-10 Datasheet
218Kb / 3P
50-65 WATT DC TO DC CONVERTERS
logo
Powerbox
PD65-10 POWERBOX-PD65-10 Datasheet
1Mb / 4P
40-110 WATTS WIDE INPUT
logo
Tumbler Technologies + ...
PD65-10 TRUMPOWER-PD65-10 Datasheet
218Kb / 3P
50-65 WATT DC TO DC CONVERTERS
More results

Similar Description - PD65

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PD-65 MEANWELL-PD-65 Datasheet
424Kb / 2P
65W Dual Output Switching Power Supply
RID-65 MEANWELL-RID-65 Datasheet
429Kb / 2P
65W Dual Output Switching Power Supply
logo
RSG Electronic Componen...
PD-65 RSG-PD-65 Datasheet
120Kb / 2P
65W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-65 MEANWELL-PD-65_11 Datasheet
428Kb / 2P
65W Dual Output Switching Power Supply
RD-65 MEANWELL-RD-65_10 Datasheet
436Kb / 2P
65W Dual Output Switching Power Supply
RID-65 MEANWELL-RID-65_10 Datasheet
437Kb / 2P
65W Dual Output Switching Power Supply
RID-65 MEANWELL-RID-65_11 Datasheet
437Kb / 2P
65W Dual Output Switching Power Supply
RD-65 MEANWELL-RD-65_11 Datasheet
437Kb / 2P
65W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RID65 ASTRODYNE-RID65 Datasheet
640Kb / 4P
65W Dual Output Switching Power Supply
logo
Total Power Internation...
RD-65 TOTAL-POWER-RD-65 Datasheet
499Kb / 2P
65W Dual Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com