Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2264CD Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2264CD
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2264CD Datasheet(HTML) 31 Page - Texas Instruments

Back Button TLC2264CD Datasheet HTML 27Page - Texas Instruments TLC2264CD Datasheet HTML 28Page - Texas Instruments TLC2264CD Datasheet HTML 29Page - Texas Instruments TLC2264CD Datasheet HTML 30Page - Texas Instruments TLC2264CD Datasheet HTML 31Page - Texas Instruments TLC2264CD Datasheet HTML 32Page - Texas Instruments TLC2264CD Datasheet HTML 33Page - Texas Instruments TLC2264CD Datasheet HTML 34Page - Texas Instruments TLC2264CD Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 59 page
background image
TLC226x, TLC226xA
Advanced LinCMOS
 RAIL-TO-RAIL
OPERATIONAL AMPLIFIERS
SLOS177D – FEBRUARY 1997 – REVISED MARCH 2001
31
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
DISTRIBUTION OF TLC2262
INPUT OFFSET VOLTAGE
VIO – Input Offset Voltage – mV
15
10
5
0
20
25
– 1.6
– 0.8
0
0.8
1.6
VDD
± = ± 2.5 V
TA = 25°C
1274 Amplifiers From 2 Wafer Lots
Figure 3
DISTRIBUTION OF TLC2262
INPUT OFFSET VOLTAGE
VIO – Input Offset Voltage – mV
15
10
5
0
20
25
– 1.6
– 0.8
0
0.8
1.6
VDD
± = ± 5 V
TA = 25°C
1274 Amplifiers From 2 Wafer Lots
Figure 4
12
8
4
0
16
DISTRIBUTION OF TLC2264
INPUT OFFSET VOLTAGE
20
– 1.6
– 0.8
0
0.8
1.6
VIO – Input Offset Voltage – mV
2272 Amplifiers From 2 Wafer Lots
VDD
± = ±2.5 V
TA = 25°C
Figure 5
12
8
4
0
16
DISTRIBUTION OF TLC2264
INPUT OFFSET VOLTAGE
20
– 1.6
– 0.8
0
0.8
1.6
2272 Amplifiers From 2 Wafer Lots
VDD
± = ±5 V
TA = 25°C
VIO – Input Offset Voltage – mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com