Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70445 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS70445
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70445 Datasheet(HTML) 2 Page - Texas Instruments

  TPS70445 Datasheet HTML 1Page - Texas Instruments TPS70445 Datasheet HTML 2Page - Texas Instruments TPS70445 Datasheet HTML 3Page - Texas Instruments TPS70445 Datasheet HTML 4Page - Texas Instruments TPS70445 Datasheet HTML 5Page - Texas Instruments TPS70445 Datasheet HTML 6Page - Texas Instruments TPS70445 Datasheet HTML 7Page - Texas Instruments TPS70445 Datasheet HTML 8Page - Texas Instruments TPS70445 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
TPS70445, TPS70448, TPS70451, TPS70458, TPS70402
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
SLVS307B – SEPTEMBER 2000 – REVISED APRIL 2003
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The TPS704xx family of voltage regulators offers very low dropout voltage and dual outputs. These devices
have extremely low noise output performance without using any added filter bypass capacitors and are
designed to have a fast transient response and be stable with 47
µF low ESR capacitors.
These devices have fixed 3.3-V/2.5-V, 3.3-V/1.8-V, 3.3-V/1.5-V, 3.3-V/1.2-V, and adjustable voltage options.
Regulator 1 can support up to 1 A, and regulator 2 can support up to 2 A. Separate voltage inputs allow the
designer to configure the source power.
Because the PMOS pass element behaves as a low-value resistor, the dropout voltage is very low (typically 160
mV on regulator 1) and is directly proportional to the output current. Additionally, since the PMOS pass element
is a voltage-driven device, the quiescent current is very low and independent of output loading (maximum of
250
µA over the full range of output current and full range of temperature). This LDO family also features a sleep
mode; applying a high signal to EN1 or EN2 (enable) shuts down regulator 1 or regulator 2, respectively. When
a high signal is applied to both EN1 and EN2, both regulators are in sleep mode, thereby reducing the input
current to 2
µA at TJ = 25°C.
For each regulator, there is an internal discharge transistor to discharge the output capacitor when the regulator
is turned off (disabled).
The PG1 pin reports the voltage condition at VOUT1. The PG1 pin can be used to implement a SVS (RESET,
POR, or power on reset) for the circuitry supplied by regulator 1. The PG2 pin reports the voltage conditions
at VOUT2. The PG2 pin can be used to implement a SVS (power on reset) for the circuitry supplied by regulator
2.
The TPS704xx features a RESET (SVS, POR, or power on reset). RESET is an active low, open drain output
and requires a pullup resistor for normal operation. When pulled up, RESET goes into a high impedance state
(i.e. logic high) after 120 ms delay when both of the following conditions are met. First, VIN1 must be above the
undervoltage condition. Second, the manual reset (MR) pin must be in a high impedance state. To monitor
VOUT1, the PG1 output pin can be connected to MR. To monitor VOUT2, the PG2 output pin can be connected
to MR. RESET can be used to drive power on reset or a low-battery indicator. If RESET is not used, it can be
left floating.
Internal bias voltages are powered by VIN1 and require 2.7 V for full functionality. Each regulator input has an
undervoltage lockout circuit that prevents each output from turning on until the respective input reaches 2.5 V.
AVAILABLE OPTIONS
TJ
REGULATOR 1
VO (V)
REGULATOR 2
VO (V)
TSSOP
(PWP)
3.3 V
1.2 V
TPS70445PWP
3.3 V
1.5 V
TPS70448PWP
– 40
°Cto125°C
3.3 V
1.8 V
TPS70451PWP
– 40
°C to 125°C
3.3 V
2.5 V
TPS70458PWP
Adjustable
(1.22 V to 5.5 V)
Adjustable
(1.22 V to 5.5 V)
TPS70402PWP
NOTE: The TPS70402 is programmable using external resistor dividers (see
application information) The PWP package is available taped and reeled. Add
an R suffix to the device type (e.g., TPS70402PWPR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com