Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7583 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC7583
Description  Monolithic IC reliability
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7583 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC7583 Datasheet HTML 1Page - IXYS Corporation CPC7583 Datasheet HTML 2Page - IXYS Corporation CPC7583 Datasheet HTML 3Page - IXYS Corporation CPC7583 Datasheet HTML 4Page - IXYS Corporation CPC7583 Datasheet HTML 5Page - IXYS Corporation CPC7583 Datasheet HTML 6Page - IXYS Corporation CPC7583 Datasheet HTML 7Page - IXYS Corporation CPC7583 Datasheet HTML 8Page - IXYS Corporation CPC7583 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC7583-R07
www.ixysic.com
1
e3
Pb
Not for New Designs
Features
Monolithic IC reliability
Low, matched, R
ON
Eliminates the need for zero-cross switching
Flexible switch timing for transition from ringing
mode to talk mode.
Clean, bounce-free switching
SLIC tertiary protection via integrated current
limiting, voltage clamping and thermal shutdown
5V operation with power consumption < 10.5 mW
Intelligent battery monitor
Logic-level inputs, no external drive circuitry required
Compatible with Legerity 7583/8583 family
Small 28-pin SOIC
Applications
Central office (CO)
Digital Loop Carrier (DLC)
PBX Systems
Digitally Added Main Line (DAML)
Hybrid Fiber Coax (HFC)
Fiber in the Loop (FITL)
Pair Gain System
Channel Banks
Description
The CPC7583 is a monolithic 10-pole line card access
switch in a 28-pin SOIC package. It provides the
necessary functions to replace three 2-Form-C
electromechanical relays on analog line cards and
combined voice and data line cards found in central
office, access, and PBX equipment. The device
contains solid state switches for tip and ring line break,
ringing injection/ringing return, and test access. The
CPC7583 requires only a +5 V supply and offers
break-before-make or make-before-break switch
operation.
Ordering Information
Part #
Description
CPC7583BA
28-Pin SOIC, 29/Tube
CPC7583BATR
28-Pin SOIC, 1000/Reel
CPC7583
T
LINE
R
LINE
T
BAT
V
DD
R
BAT
D
GND
V
BAT
F
GND
V
REF
IN
TESTIN
IN
RINGING
IN
TESTOUT
T
SD
LATCH
7
10
8
5
22
6
12
13
14
28
1
24
20
19
23
17
16
15
18
L
A
T
C
H
Switch
Control
Logic
SCR
and
Trip
Circuit
+5 Vdc
SLIC
Secondary
Protection
X
X
X
X
X
X
XX
X SW5
SW7
SW6
SW2
SW4
SW10
SW8
T
TESTIN (T
)
CHANTEST
T
TESTOUT (T
)
DROPTEST
R
TESTOUT (R
)
DROPTEST
R
TESTIN (R
)
CHANTEST
T
RING
SW3
SW9
SW1
300
(min.)
Ω
RINGING
V
BAT
X
Tip
Ring
CPC7583
Line Card Access Switch


Similar Part No. - CPC7583

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7583 CLARE-CPC7583 Datasheet
193Kb / 16P
Line Card Access Switch
CPC7583 CLARE-CPC7583 Datasheet
624Kb / 21P
Line Card Access Switch
CPC7583BA CLARE-CPC7583BA Datasheet
193Kb / 16P
Line Card Access Switch
logo
IXYS Corporation
CPC7583BA IXYS-CPC7583BA Datasheet
1Mb / 19P
Line Card Access Switch
logo
Clare, Inc.
CPC7583BATR CLARE-CPC7583BATR Datasheet
193Kb / 16P
Line Card Access Switch
More results

Similar Description - CPC7583

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1104 MITSUMI-MM1104 Datasheet
114Kb / 4P
Monolithic IC
MM1108 MITSUMI-MM1108 Datasheet
125Kb / 5P
Monolithic IC
LAG639 MITSUMI-LAG639 Datasheet
257Kb / 8P
Monolithic IC
MM1102 MITSUMI-MM1102 Datasheet
268Kb / 10P
Monolithic IC
MM1217 MITSUMI-MM1217 Datasheet
116Kb / 4P
Monolithic IC
MM1380 MITSUMI-MM1380 Datasheet
185Kb / 7P
Monolithic IC
MM1424 MITSUMI-MM1424 Datasheet
59Kb / 5P
IC for XO Monolithic IC
logo
IXYS Corporation
CPC7591 IXYS-CPC7591 Datasheet
243Kb / 17P
Monolithic IC Reliability
logo
Allegro MicroSystems
ACS754 ALLEGRO-ACS754 Datasheet
519Kb / 9P
Monolithic Hall IC for high reliability
ACS755XCB-200 ALLEGRO-ACS755XCB-200 Datasheet
477Kb / 9P
Monolithic Hall IC for high reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com