Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC0830LCJ Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0830LCJ
Description  8-Bit P Compatible, Double-Buffered D to A Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0830LCJ Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DAC0830LCJ Datasheet HTML 1Page - National Semiconductor (TI) DAC0830LCJ Datasheet HTML 2Page - National Semiconductor (TI) DAC0830LCJ Datasheet HTML 3Page - National Semiconductor (TI) DAC0830LCJ Datasheet HTML 4Page - National Semiconductor (TI) DAC0830LCJ Datasheet HTML 5Page - National Semiconductor (TI) DAC0830LCJ Datasheet HTML 6Page - National Semiconductor (TI) DAC0830LCJ Datasheet HTML 7Page - National Semiconductor (TI) DAC0830LCJ Datasheet HTML 8Page - National Semiconductor (TI) DAC0830LCJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Electrical Characteristics (Continued)
V
REF=10.000 VDC unless otherwise noted. Boldface limits apply over temperature, TMIN≤TA≤TMAX. For all other limits
T
A=25˚C.
Parameter
Conditions
See
Note
V
CC = 4.75 VDC
V
CC = 15.75 VDC
V
CC =5 VDC ±5%
V
CC =12 VDC
±5%
to 15 V
DC ±5%
Limit
Units
Typ
(Note 12)
Tested
Limit
(Note 5)
Design
Limit
(Note 6)
CONVERTER CHARACTERISTICS
FS/˚C
Power Supply Rejection
All digital inputs latched high
V
CC=14.5V to 15.5V
0.0002
0.0025
%
11.5V to 12.5V
0.0006
FSR/V
4.5V to 5.5V
0.013
0.015
Reference
Max
15
20
20
k
Ω
Input
Min
15
10
10
k
Ω
Output Feedthrough
Error
V
REF=20 Vp-p, f=100 kHz
All data inputs latched low
3
mVp-p
Output
Leakage
Current Max
I
OUT1
All data inputs LJ & LCJ
10
100
100
nA
latched low
LCN, LCWM &
LCV
50
100
I
OUT2
All data inputs LJ & LCJ
100
100
nA
latched high
LCN, LCWM &
LCV
50
100
Output
I
OUT1
All data inputs
45
pF
Capacitance
I
OUT2
latched low
115
I
OUT1
All data inputs
130
pF
I
OUT2
latched
high
30
DIGITAL AND DC CHARACTERISTICS
Digital Input
Max
Logic Low
LJ:
4.75V
0.6
Voltages
LJ:
15.75V
0.8
LCJ:
4.75V
0.7
V
DC
LCJ:
15.75V
0.8
LCN, LCWM, LCV
0.95
0.8
Min
Logic High
LJ & LCJ
2.0
2.0
V
DC
LCN, LCWM, LCV
1.9
2.0
Digital Input
Max
Digital inputs <0.8V
Currents
LJ & LCJ
−50
−200
−200
µA
LCN, LCWM, LCV
−160
−200
µA
Digital inputs>2.0V
LJ & LCJ
0.1
+10
+10
µA
LCN, LCWM, LCV
+8
+10
Supply Current
Max
LJ & LCJ
1.2
3.5
3.5
mA
Drain
LCN, LCWM, LCV
1.7
2.0
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com