Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1218 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC1218
Description  12-Bit Binary Multiplying D/A Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1218 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DAC1218 Datasheet HTML 1Page - National Semiconductor (TI) DAC1218 Datasheet HTML 2Page - National Semiconductor (TI) DAC1218 Datasheet HTML 3Page - National Semiconductor (TI) DAC1218 Datasheet HTML 4Page - National Semiconductor (TI) DAC1218 Datasheet HTML 5Page - National Semiconductor (TI) DAC1218 Datasheet HTML 6Page - National Semiconductor (TI) DAC1218 Datasheet HTML 7Page - National Semiconductor (TI) DAC1218 Datasheet HTML 8Page - National Semiconductor (TI) DAC1218 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLH5691
December 1994
DAC1218DAC1219
12-Bit Binary Multiplying DA Converter
General Description
The DAC1218 and the DAC1219 are 12-bit binary 4-quad-
rant multiplying D to A converters The linearity differential
non-linearity and monotonicity specifications for these con-
verters are all guaranteed over temperature In addition
these parameters are specified with standard zero and full-
scale adjustment procedures as opposed to the impractical
best fit straight line guarantee
This level of precision is achieved though the use of an
advanced silicon-chromium (SiCr) R-2R resistor ladder net-
work This type of thin-film resistor eliminates the parasitic
diode problems associated with diffused resistors and al-
lows the applied reference voltage to range from b25V to
25V independent of the logic supply voltage
CMOS current switches and drive circuitry are used to
achieve low power consumption (20 mW typical) and mini-
mize output leakage current errors (10 nA maximum)
Unique digital input circuitry maintains TTL compatible input
threshold voltages over the full operating supply voltage
range
The DAC1218 and DAC1219 are direct replacements for
the AD7541 series AD7521 series and AD7531 series with
a significant improvement in the linearity specification In
applications where direct interface of the D to A converter to
a microprocessor bus is desirable
the DAC1208 and
DAC1230 series eliminate the need for additional interface
logic
Features
Y
Linearity specified with zero and full-scale adjust only
Y
Logic inputs which meet TTL voltage level specs (14V
logic threshold)
Y
Works with g10V referencefull 4-quadrant
multiplication
Y
All parts guaranteed 12-bit monotonic
Key Specifications
Y
Current Settling Time
1 ms
Y
Resolution
12 Bits
Y
Linearity (Guaranteed
12 Bits (DAC1218)
over temperature)
11 Bits (DAC1219)
Y
Gain Tempco
15 ppm C
Y
Low Power Dissipation
20 mW
Y
Single Power Supply
5 VDC to 15 VDC
Typical Application
TLH5691 – 1
VOUT ebVREF
A12aA24aA38a A12
4096
J
where AN e 1 if digital input is high
AN e 0 if digital input is low
Connection Diagram
Dual-In-Line Package
TLH5691 – 15
Top View
Ordering Information
Temperature Range
0 Cto a70 C
b
40 Cto a85 C
Package Outline
Non
0012%
DAC1218LCJ-1
DAC1218LCJ
J18A Cerdip
Linearity
0024%
DAC1219LCJ
J18A Cerdip
BI-FETTM is a trademark of National Semiconductor Corp
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - DAC1218

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC1210 NSC-DAC1210 Datasheet
361Kb / 18P
12-Bit, uP Compatible, Double-Buffered D to A Converters
logo
Texas Instruments
DAC1210 TI1-DAC1210 Datasheet
612Kb / 20P
DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
logo
National Semiconductor ...
DAC1210LCJ NSC-DAC1210LCJ Datasheet
361Kb / 18P
12-Bit, uP Compatible, Double-Buffered D to A Converters
DAC1210LCJ NSC-DAC1210LCJ Datasheet
813Kb / 4P
DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
logo
Texas Instruments
DAC1210LCJ TI1-DAC1210LCJ Datasheet
612Kb / 20P
DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
More results

Similar Description - DAC1218

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC1020 NSC-DAC1020 Datasheet
264Kb / 14P
10-Bit, 12-Bit Binary Multiplying D/A Converter
logo
NXP Semiconductors
AM6012 PHILIPS-AM6012 Datasheet
107Kb / 11P
12-Bit multiplying D/A converter
August 31, 1994
logo
Intersil Corporation
AD7541 INTERSIL-AD7541 Datasheet
53Kb / 8P
12-Bit, Multiplying D/A Converter
August 1997
logo
Maxim Integrated Produc...
MX7541 MAXIM-MX7541 Datasheet
179Kb / 4P
CMOS 12 Bit Multiplying D/A Converter
19-0940; Rev 1; 7/95
MX7541A MAXIM-MX7541A Datasheet
317Kb / 8P
CMOS 12 Bit Multiplying D/A Converter
19-0941; Rev 2; 7/95
logo
NEC
UPD7002 NEC-UPD7002 Datasheet
139Kb / 4P
12-Bit Binary A/D Converter
logo
Intersil Corporation
AD7541 INTERSIL-AD7541_02 Datasheet
164Kb / 8P
12-Bit, Multiplying D/A Converter
May 2002
logo
Analog Devices
AD394 AD-AD394_15 Datasheet
626Kb / 12P
Compatible Multiplying Quad 12-Bit D/A Converter
REV. A
logo
Texas Instruments
DAC1020 TI1-DAC1020_11 Datasheet
307Kb / 16P
10-Bit Binary Multiplying D/A Converter
logo
Renesas Technology Corp
AD7541 RENESAS-AD7541 Datasheet
480Kb / 8P
12-Bit, Multiplying D/A Converter
May 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com