Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC14135 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC14135
Description  14-bit, 135MSPS D/A Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC14135 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DAC14135 Datasheet HTML 1Page - National Semiconductor (TI) DAC14135 Datasheet HTML 2Page - National Semiconductor (TI) DAC14135 Datasheet HTML 3Page - National Semiconductor (TI) DAC14135 Datasheet HTML 4Page - National Semiconductor (TI) DAC14135 Datasheet HTML 5Page - National Semiconductor (TI) DAC14135 Datasheet HTML 6Page - National Semiconductor (TI) DAC14135 Datasheet HTML 7Page - National Semiconductor (TI) DAC14135 Datasheet HTML 8Page - National Semiconductor (TI) DAC14135 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 1999 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.
N
General Description
The DAC14135 is a monolithic 14-bit, 135MSPS digital-to-analog
converter. The device has been optimized for use in cellular base
stations and other applications where high resolution, high
sampling rate, wide dynamic range, and compact size are
required. The DAC14135 has many integrated features including
a proprietary segmented DAC core, differential current outputs, a
band-gap voltage reference, and TTL/CMOS compatible inputs.
The converter features an 85dBc spurious free dynamic range
(SFDR) at low frequencies and a 70dBc SFDR with 20MHz
output signals. The 48-pin TSSOP package provides an extremely
small footprint for applications where space is a critical consider-
ation. The DAC14135 operates from a single +5V power supply.
The digital power supply can also operate from +3.3V for lower
power consumption and compatibility with +3.3V data inputs. The
DAC14135 is fabricated in a 0.5µm CMOS process and is speci-
fied over the industrial temperature range of -40°C to +85°C.
National Semiconductor thoroughly tests each part to verify full
compliance with the guaranteed specifications.
DAC14135
14-bit, 135MSPS D/A Converter
Features
• 135 MSPS
• Wide dynamic range
SFDR @ 1MHz fout: 85dBc
SFDR @ 5MHz fout: 79dBc
SFDR @ 20MHz fout: 70dBc
• Differential Current Outputs
• Low power consumption: 185mW
• Very small package: 48-pin TSSOP
• TTL/CMOS (+3.3V or +5V) inputs
Applications
• Cellular Basestations:
GSM, WCDMA, DAMPS, etc.
• Multi-carrier Basestations
• Multi-standard Basestations
• Direct digital synthesis (DDS)
• ADSL modems
• HFC modems
November 1999
W-CDMA ACPR
Frequency (MHz)
-120
-40
-80
-90
-100
-30
2468
10
12
14
16
-110
Four-Tone SFDR
Frequency (MHz)
-100
-20
-40
-60
0
510
15
20
25
30
-80
Fs = 135MSPS
Fout1 = 6.2MHz
Fout2 = 9.31MHz
Fout3 = 18.8MHz
Fout4 = 21.95MHz
Ampl. = 0dBFS
Fs = 32.768MSPS
-50
-60
-70
ACPR Lower
72.1dB
ACPR Upper
73dB
SFDR > 70dBc


Similar Part No. - DAC14135

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1401D125 NXP-DAC1401D125 Datasheet
359Kb / 25P
Dual 14-bit DAC, up to 125 Msps
Rev. 01-13 November 2008
logo
Integrated Device Techn...
DAC1401D125 IDT-DAC1401D125 Datasheet
457Kb / 25P
Dual 14-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1401D125 RENESAS-DAC1401D125 Datasheet
461Kb / 25P
Dual 14-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1401D125HL NXP-DAC1401D125HL Datasheet
359Kb / 25P
Dual 14-bit DAC, up to 125 Msps
Rev. 01-13 November 2008
logo
Integrated Device Techn...
DAC1401D125HL IDT-DAC1401D125HL Datasheet
457Kb / 25P
Dual 14-bit DAC, up to 125 Msps
More results

Similar Description - DAC14135

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5958 NSC-CLC5958 Datasheet
1Mb / 13P
14-bit, 52MSPS A/D Converter
logo
Intersil Corporation
HI5905 INTERSIL-HI5905 Datasheet
108Kb / 11P
14-Bit, 5 MSPS A/D Converter
1999 01
logo
STMicroelectronics
TSA1401 STMICROELECTRONICS-TSA1401 Datasheet
523Kb / 19P
14-BIT, 20MSPS, 85mW A/D CONVERTER
08-Oct-2002
logo
Maxwell Technologies
7872 MAXWELL-7872 Datasheet
154Kb / 11P
14-Bit A/D Converter
logo
Analog Devices
AD9444 AD-AD9444 Datasheet
1Mb / 40P
14-Bit, 80 MSPS, A/D Converter
10/04-Revision 0
AD6645 AD-AD6645 Datasheet
2Mb / 20P
14-Bit, 80 MSPS A/D Converter
REV.0
logo
Intersil Corporation
HI5905 INTERSIL-HI5905_03 Datasheet
581Kb / 11P
14-Bit, 5MSPS A/D Converter
March 2003
logo
Analog Devices
AD9444 AD-AD9444_15 Datasheet
1Mb / 40P
14-Bit, 80 MSPS, A/D Converter
REV. 0
logo
Linear Technology
LTC1414 LINER-LTC1414_15 Datasheet
294Kb / 20P
14-Bit, 2.2Msps, Sampling A/D Converter
logo
Renesas Technology Corp
HI5905 RENESAS-HI5905 Datasheet
598Kb / 11P
14-Bit, 5MSPS A/D Converter
March 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com