Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G74YZPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G74YZPR
Description  SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G74YZPR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G74YZPR Datasheet HTML 1Page - Texas Instruments SN74LVC2G74YZPR Datasheet HTML 2Page - Texas Instruments SN74LVC2G74YZPR Datasheet HTML 3Page - Texas Instruments SN74LVC2G74YZPR Datasheet HTML 4Page - Texas Instruments SN74LVC2G74YZPR Datasheet HTML 5Page - Texas Instruments SN74LVC2G74YZPR Datasheet HTML 6Page - Texas Instruments SN74LVC2G74YZPR Datasheet HTML 7Page - Texas Instruments SN74LVC2G74YZPR Datasheet HTML 8Page - Texas Instruments SN74LVC2G74YZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
DCT OR DCU PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
CLK
D
Q
GND
VCC
PRE
CLR
Q
4
3
2
1
5
6
7
8
GND
Q
D
CLK
Q
CLR
PRE
VCC
YEA, YEP, YZA, OR YZP PACKAGE
(BOTTOM VIEW)
DESCRIPTION/ORDERING INFORMATION
SN74LVC2G74
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
WITH CLEAR AND PRESET
SCES203K – APRIL 1999 – REVISED JUNE 2005
•
Available in the Texas Instruments
NanoStar™ and NanoFree™ Packages
•
Supports 5-V VCC Operation
•
Inputs Accept Voltages to 5.5 V
•
Max tpd of 5.9 ns at 3.3 V
•
Low Power Consumption, 10-
µA Max I
CC
•
±24-mA Output Drive at 3.3 V
•
Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
•
Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
•
Ioff Supports Partial-Power-Down Mode
Operation
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
•
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
This single positive-edge-triggered D-type flip-flop is designed for 1.65-V to 5.5-V VCC operation.
NanoStar™ and NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the
die as the package.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoStar™
SN74LVC2G74YEAR
WCSP (DSBGA) – YEA
NanoFree™
SN74LVC2G74YZAR
WCSP (DSBGA) – YZA (Pb-free)
Reel of 3000
_ _ _CP_
NanoStar™ – WCSP (DSBGA)
SN74LVC2G74YEPR
0.23-mm Large Bump – YEP
–40°C to 85°C
NanoFree™ – WCSP (DSBGA)
SN74LVC2G74YZPR
0.23-mm Large Bump – YZP (Pb-free)
SSOP – DCT
Reel of 3000
SN74LVC2G74DCTR
C74_ _ _
Reel of 3000
SN74LVC2G74DCUR
VSSOP – DCU
C74_
Reel of 250
SN74LVC2G74DCUT
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DCT: The actual top-side marking has three additional characters that designate the year, month, and assembly/test site.
DCU: The actual top-side marking has one additional character that designates the assembly/test site.
YEA/YZA, YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one
following character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoStar, NanoFree are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC2G74YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G74YZPR TI-SN74LVC2G74YZPR Datasheet
440Kb / 14P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74YZPR TI-SN74LVC2G74YZPR Datasheet
540Kb / 16P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74YZPR TI1-SN74LVC2G74YZPR Datasheet
1Mb / 25P
Single Positive-Edge-Triggered D-Type Flip-Flop With Clear and Preset
More results

Similar Description - SN74LVC2G74YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G74-Q1 TI-SN74LVC2G74-Q1 Datasheet
153Kb / 10P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74AUC1G74 TI-SN74AUC1G74_07 Datasheet
605Kb / 15P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74AUC1G74 TI-SN74AUC1G74 Datasheet
266Kb / 12P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74 TI-SN74LVC2G74_08 Datasheet
440Kb / 14P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74 TI-SN74LVC2G74_09 Datasheet
540Kb / 16P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74-EP TI1-SN74LVC2G74-EP Datasheet
451Kb / 12P
SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
logo
Unisonic Technologies
U74LVC1G74 UTC-U74LVC1G74 Datasheet
185Kb / 7P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
logo
Texas Instruments
SN74LVC2G74-Q1 TI1-SN74LVC2G74-Q1_15 Datasheet
770Kb / 14P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74-EP TI1-SN74LVC2G74-EP_15 Datasheet
753Kb / 12P
SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74 TI1-SN74LVC2G74_18 Datasheet
1Mb / 25P
Single Positive-Edge-Triggered D-Type Flip-Flop With Clear and Preset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com