Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V3021 Datasheet(PDF) 14 Page - EM Microelectronic - MARIN SA

Part # V3021
Description  Ultra Low Power 1-Bit 32 kHz RTC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V3021 Datasheet(HTML) 14 Page - EM Microelectronic - MARIN SA

Back Button V3021 Datasheet HTML 7Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 8Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 9Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 10Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 11Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 12Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 13Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 14Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 15Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
R
V3021
Copyright © 2005, EM Microelectronic-Marin SA
14
www.emmicroelectronic.com
Battery Switch Over Circuit
a)
*
Use Schottky barrier
diodes.
The
BAT85
has a typical VF of 250
mV at an IF of 1 mA.
The reverse current is
typically 200 nA at a VR
of 5 V. The reverse,
recovery time is 5 ns.
For
surface
mount
applications use the
Philips BAT17 in SOT-
23 or other.
Fig. 16
Ordering and Package Information
Dimensions of 8-Pin SOIC Package
1
2
3
4
56
7
8
H
L
0-8°
C
E
A
B
e
D
A1
Dimensions in mm
Min.
Nom.
Max
A
1.35
1.63
1.75
A1
0.10
0.15
0.25
B
0.33
0.41
0.51
C
0.19
0.20
0.25
D
4.80
4.93
5.00
E
3.80
3.94
4.00
e1.27
H
5.80
5.99
6.20
L
0.40
0.64
1.27
Fig. 17
Dimensions of 8-Pin DIP Package
Fig. 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com