Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXYP10N65B3D1 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXYP10N65B3D1
Description  Optimized for 5-30kHz Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYP10N65B3D1 Datasheet(HTML) 2 Page - IXYS Corporation

  IXYP10N65B3D1 Datasheet HTML 1Page - IXYS Corporation IXYP10N65B3D1 Datasheet HTML 2Page - IXYS Corporation IXYP10N65B3D1 Datasheet HTML 3Page - IXYS Corporation IXYP10N65B3D1 Datasheet HTML 4Page - IXYS Corporation IXYP10N65B3D1 Datasheet HTML 5Page - IXYS Corporation IXYP10N65B3D1 Datasheet HTML 6Page - IXYS Corporation IXYP10N65B3D1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYP10N65B3D1
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Notes:
1. Pulse test, t
 300μs, duty cycle, d  2%.
2. Switching times & energy losses may increase for higher V
CE(clamp), TJ or RG.
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a
"considered reflection" of the anticipated result. IXYS reserves the right to change limits, test
conditions, and dimensions without notice.
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 10A, VCE = 10V, Note 1
4.0
6.8
S
C
ies
415
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
43
pF
C
res
10
pF
Q
g(on)
20
nC
Q
ge
I
C = 10A, VGE = 15V, VCE = 0.5 • VCES
3
nC
Q
gc
8
nC
t
d(on)
17
ns
t
ri
29
ns
E
on
0.30
mJ
t
d(off)
125
ns
t
fi
30
ns
E
off
0.20
mJ
t
d(on)
19
ns
t
ri
35
ns
E
on
0.60
mJ
t
d(off)
147
ns
t
fi
116
ns
E
off
0.36
mJ
R
thJC
0.94 °C/W
R
thCS
0.50
°C/W
Inductive load, T
J = 25°C
I
C = 10A, VGE = 15V
V
CE = 400V, RG = 50
Note 2
Inductive load, T
J = 150°C
I
C = 10A, VGE = 15V
V
CE = 400V, RG = 50
Note 2
Pins: 1 - Gate
2 - Collector
3 - Emitter
TO-220 Outline
Reverse Diode (FRED)
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
V
F
I
F = 10A, VGE = 0V, Note 1
3.0
V
T
J = 150C
1.6
V
I
RM
6.3
A
t
rr
170
ns
R
thJC
2.30 °C/W
I
F = 10A, VGE = 0V,
-di
F/dt = 200A/μs, VR = 100V, TJ = 150°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com