Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P447 Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM78P447
Description  8-BIT MICRO-CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447 Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EM78P447 Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P447 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P447 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P447 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P447 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P447 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P447 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P447 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P447 Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
EM78P447S
OTP ROM
4. FUNCTION DESCRIPTION
IO C 5
R5
P
5
0
P
5
1
P
5
2
P
5
3
P
5
4
P
5
5
P
5
6
P
5
7
IO C 6
R6
IO C 7
R7
ACC
R3
STAC K 1
STAC K 2
STAC K 3
STAC K 4
STAC K 5
P C
RO M
In stru ctio n
Re giste r
In stru ctio n
D ecoder
ALU
Inte rru p t
C ontro l
R4
RA M
WD T T im e r
P re sca le
r
O scillato r/T im in g
C ontro l
WD T
Tim e
- out
R1(T C C )
S leep
&
Wa ke
C ontro l
DA T A & CO NT RO L B U S
/IN T
TC C
OS C I
OS C O
/R E SET
P
6
0
P
6
1
P
6
2
P
6
3
P
6
4
P
6
5
P
6
6
P
6
7
P
7
0
P
7
1
P
7
2
P
7
3
P
7
4
P
7
5
P
7
6
P
7
7
Fig. 2 Functional Block Diagram
4.1 Operational Registers
1. R0 (Indirect Addressing Register)
R0 is not a physically implemented register. Its major function is to act as an indirect addressing
pointer. Any instruction using R0 as a pointer actually accesses data pointed by the RAM Select
Register (R4).
2. R1 (Time Clock /Counter)
• Increased by an external signal edge, which is defined by TE bit (CONT-4) through the TCC pin, or by
the instruction cycle clock.
• Writable and readable as any other registers.
• Defined by resetting PAB (CONT-3).
• The prescaler is assigned to TCC, if the PAB bit (CONT-3) is reset.
• The contents of the prescaler counter will be cleared only when TCC register is written a value.
This specification is subject to change without prior notice.
06.25.2003 (V1.1)
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com