Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN4010LFG Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN4010LFG
Description  Qualified to AEC-Q101 Standards for High Reliability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN4010LFG Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN4010LFG Datasheet HTML 1Page - Diodes Incorporated DMN4010LFG Datasheet HTML 2Page - Diodes Incorporated DMN4010LFG Datasheet HTML 3Page - Diodes Incorporated DMN4010LFG Datasheet HTML 4Page - Diodes Incorporated DMN4010LFG Datasheet HTML 5Page - Diodes Incorporated DMN4010LFG Datasheet HTML 6Page - Diodes Incorporated DMN4010LFG Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated
DMN4010LFG
Document number: DS36764 Rev. 2 - 2
1 of 7
www.diodes.com
March 2015
© Diodes Incorporated
DMN4010LFG
40V N-CHANNEL ENHANCEMENT MODE MOSFET
POWERDI
®
Product Summary
V(BR)DSS
RDS(ON) max
ID max
TA = +25°C
40V
12m
@ VGS = 10V
11.5A
15m
@ VGS = 4.5V
10.3A
Description and Applications
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high-efficiency power management applications such as:
•
Backlighting
•
Power Management Functions
•
DC-DC Converters
Features and Benefits
•
Low RDS(ON) – ensures on state losses are minimized
•
Small, form factor, thermally efficient package enables higher
density end products
•
Occupies just 33% of the board area occupied by SO-8 enabling
smaller end product
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: POWERDI 3333-8
•
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections Indicator: See Diagram
•
Terminals: Finish  Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
•
Weight: 0.072 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN4010LFG-7
POWERDI 3333-8
2,000/Tape & Reel
DMN4010LFG-13
POWERDI 3333-8
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http”//www.diodes.com/products/packages.html.
Marking Information
POWERDI 3333-8
Top View
Bottom View
POWERDI 3333-8
N41= Product Type Marking Code
YYWW = Date Code Marking
YY = Last Digit of Year (ex: 13 = 2013)
WW = Week Code (01 ~ 53)
S
S
S
G
D
D
D
D
Pin 1
D
S
G
Equivalent Circuit
N
N
N
N41
41
41
41
Y
Y
Y
Y
Y
W
W
Y
W
W
Y
W
W
Y
W
W


Similar Part No. - DMN4010LFG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4010LFG-13 DIODES-DMN4010LFG-13 Datasheet
226Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Rev 2
DMN4010LFG-7 DIODES-DMN4010LFG-7 Datasheet
226Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Rev 2
DMN4010LFG DIODES-DMN4010LFG_15 Datasheet
226Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Rev 2
More results

Similar Description - DMN4010LFG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH10H030LK3 DIODES-DMTH10H030LK3 Datasheet
609Kb / 7P
Qualified to AEC-Q101 Standards for High Reliability
Rev 1
BS107P DIODES-BS107P Datasheet
658Kb / 5P
Qualified to AEC-Q101 Standards for High Reliability
Rev 3
DMN3008SFG DIODES-DMN3008SFG Datasheet
511Kb / 7P
Qualified to AEC-Q101 Standards for High Reliability
Rev 6
DMNH4011SPSQ DIODES-DMNH4011SPSQ Datasheet
552Kb / 7P
Qualified to AEC-Q101 Standards for High Reliability
Rev 2
DMNH6012SPSQ DIODES-DMNH6012SPSQ Datasheet
654Kb / 7P
Qualified to AEC-Q101 Standards for High Reliability
Rev 1
DMP1012UCB9 DIODES-DMP1012UCB9 Datasheet
237Kb / 6P
Qualified to AEC-Q101 Standards for High Reliability
Rev 7
DMP1080UCB4 DIODES-DMP1080UCB4 Datasheet
428Kb / 6P
Qualified to AEC-Q101 Standards for High Reliability
Rev 5
DMP1100UCB4 DIODES-DMP1100UCB4 Datasheet
392Kb / 7P
Qualified to AEC-Q101 Standards for High Reliability
Rev 2
DMP2006UFG DIODES-DMP2006UFG Datasheet
434Kb / 6P
Qualified to AEC-Q101 standards for High Reliability
Rev 4
DMP2008UFG DIODES-DMP2008UFG Datasheet
261Kb / 6P
Qualified to AEC-Q101 standards for High Reliability
Rev 14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com