Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P447SBP Datasheet(PDF) 12 Page - ELAN Microelectronics Corp

Part # EM78P447SBP
Description  8-BIT MICRO-CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447SBP Datasheet(HTML) 12 Page - ELAN Microelectronics Corp

Back Button EM78P447SBP Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 16Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
EM78P447S
OTP ROM
8. R3F (Interrupt Status Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
-
EXIF
-
-
TCIF
• Bit 3 (EXIF) External interrupt flag. Set by falling edge on /INT pin, flag cleared by software
• Bit 0 (TCIF) the TCC overflow interrupt flag. Set as TCC overflows; flag cleared by software.
• Bits 1, 2, 4~7 are not used and read are as “0”.
• "1" means interrupt request, "0" means non-interrupt.
• R3F can be cleared by instruction, but cannot be set by instruction.
• IOCF is the interrupt mask register.
• Note that reading R3F will obtain the result of the R3F "logic AND" and IOCF.
4.2 Special Purpose Registers
1. A (Accumulator)
• Internal data transfer, or instruction operand holding.
• It cannot be addressed.
2. CONT (Control Register)
7
6
5
4
3
2
1
0
/PHEN
/INT
TS
TE
PAB
PSR2
PSR1
PSR0
• Bit 7 (/PHEN) Control bit used to enable the pull-high of P60~P67, P74 and P75 pins
0: Enable internal pull-high.
1: Disable internal pull-high.
• CONT register is both readable and writable.
• Bit 6 (/INT) Interrupt enable flag
0: masked by DISI or hardware interrupt
1: enabled by ENI/RETI instructions
• Bit 5 (TS) TCC signal source
0: internal instruction cycle clock
1: transition on TCC pin
• Bit 4 (TE) TCC signal edge
0: increment if the transition from low to high takes place on TCC pin
1: increment if the transition from high to low takes place on TCC pin
• Bit 3 (PAB) Prescaler assignment bit.
This specification is subject to change without prior notice.
06.25.2003 (V1.1)
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com