Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6282 Datasheet(PDF) 14 Page - MOSA ELECTRONICS

Part # MS6282
Description  Class AB Stereo Headphone Driver, Low voltage Volume Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6282 Datasheet(HTML) 14 Page - MOSA ELECTRONICS

Back Button MS6282 Datasheet HTML 7Page - MOSA ELECTRONICS MS6282 Datasheet HTML 8Page - MOSA ELECTRONICS MS6282 Datasheet HTML 9Page - MOSA ELECTRONICS MS6282 Datasheet HTML 10Page - MOSA ELECTRONICS MS6282 Datasheet HTML 11Page - MOSA ELECTRONICS MS6282 Datasheet HTML 12Page - MOSA ELECTRONICS MS6282 Datasheet HTML 13Page - MOSA ELECTRONICS MS6282 Datasheet HTML 14Page - MOSA ELECTRONICS MS6282 Datasheet HTML 15Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
MOSA
MS6282
Volume Controller with soft step IC
V1.1
14/15
www.mosanalog.com
Basic application flowchart
[Volume down to mute]
volume down to mute
step by step
[Power Down Preparation]
07H, 00H
Wait 0.5 sec
[Power off]
VDD = 0V
[All device power down]
07H, 06H
Power off
Power Up
[Initial Conditions]
INPUT GAIN14dB, Mute
Powerdown, Vref = 0V
[Pop Noise Free]
wait 0.5 sec
[Set the default function]
Input Gain
Soft-step Time,ON/OFF
[Power up]
VDD = 5V
[All device Active]
07H,01H
Wait 0.5 sec
[Volume Control]
volume up/down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com