Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP824ZEU Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP824ZEU
Description  5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP824ZEU Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP824ZEU Datasheet HTML 1Page - Vishay Siliconix SIP824ZEU Datasheet HTML 2Page - Vishay Siliconix SIP824ZEU Datasheet HTML 3Page - Vishay Siliconix SIP824ZEU Datasheet HTML 4Page - Vishay Siliconix SIP824ZEU Datasheet HTML 5Page - Vishay Siliconix SIP824ZEU Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SiP823/SiP824/SiP825
Vishay Siliconix
www.vishay.com
2
Document Number: 72397
S-41150—Rev. B, 14-Jun-04
ORDERING INFORMATION
Reset time-out Period
Default: 210 mS
Threshold Voltage Options
L: 4.63 V
M: 4.38 V
T: 3.08 V
S: 2.93 V
R: 2.63 V
Z: 2.32 V
Y: 2.19 V
x EU x x DT-TR1
Please contact your local Vishay Semiconductor Sales Office for information on
customization of reset voltage, reset time-out, and watchdog time-out options.
Watchdog time-out Period
Default: 1.76 Sec
SiP823
SiP824
SiP825
MARKING INFORMATION
SiP823
SiP824
SiP825
SiP823LEU
AAxxx
SiP824LEU
AIxxx
SiP825LEU
ARxxx
SiP823MEU
ABxxx
SiP824MEU
AKxxx
SiP825MEU
ASxxx
SiP823TEU
ACxxx
SiP824TEU
ALxxx
SiP825TEU
ATxxx
SiP823SEU
ADxxx
SiP824SEU
AMxxx
SiP825SEU
AVxxx
SiP823REU
AExxx
SiP824REU
ANxxx
SiP825REU
AWxxx
SiP823ZEU
AGxxx
SiP824ZEU
AOxxx
SiP825ZEU
AXxxx
SiP823YEU
AHxxx
SiP824YEU
APxxx
SiP825YEU
AYxxx
Last two characters denote date code.
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Supply Voltage
VCC
−0.3 to 6.0
V
All Other Pins
VMAX
−0.3 to (VCC + 0.3)
V
Input/Output Current, All Pins
IIN(max)
20
mA
Operating Temperature Range
TA
−40 to 85
Storage Temperature Range
Tstg
−65 to 150
_C
Junction Temperature Range
TJ
−40 to 125
Power Dissipation (TA v 70_C)
SOT-23 (Derate 4 mW/_C above 70_C)
PD
310
mW
Notes
a.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com