Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RO2112 Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # RO2112
Description  433.42 MHz SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RO2112 Datasheet(HTML) 2 Page - RF Monolithics, Inc

  RO2112 Datasheet HTML 1Page - RF Monolithics, Inc RO2112 Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
433.42 MHz
SAW Resonator
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-9148
E-mail: info@rfm.com
Page 2 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RO2112-102699
Electrical Connections
This one-port, two-terminal SAW resonator is bidirectional. The terminals
are interchangeable with the exception of circuit board layout.
Typical Test Circuit
The test circuit inductor, LTEST, is tuned to resonate with the static capaci-
tance, CO at FC.
Typical Application Circuits
Temperature Characteristics
Equivalent LC Model
The following equivalent LC model is valid near resonance:
Case Design
Pin
Connection
1
Terminal 1
2
Terminal 2
3
Case Ground
Network
Analyzer
Network
Analyzer
Electrical Test:
1
2
3
Ω
Ω
50
Ω
Source at
F
C
Low-Loss
Matching
Network
50
Ω
to
Power Test:
P
P
INCIDENT
INCIDENT
CW RF Power Dissipation =
-
REFLECTED
REFLECTED
P
P
3
2
1
MPS-H10
+9VDC
47
RF Bypass
L1
C1
C2
200k
Ω
Modulation
Input
ROXXXX
Bottom View
470
Typical Low-Power Transmitter Application:
1
2
3
(Antenna)
+VDC
RF Bypass
L1
C2
ROXXXX
Bottom View
Typical Local Oscillator Application:
1
2
3
Output
+VDC
C1
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
9.40
0.370
B
3.18
0.125
C
2.50
3.50
0.098
0.138
D
0.46 Nominal
0.018 Nominal
E
5.08 Nominal
0.200 Nominal
F
2.54 Nominal
0.100 Nominal
G
2.54 Nominal
0.100 Nominal
H
1.02
0.040
J
1.40
0.055
The curve shown on the right
accounts for resonator contri-
bution only and does not in-
clude
oscillator
temperature
characteristics.
-80 -60 -40 -20
0 +20 +40 +60
0
-50
-100
-150
+80
-200
0
-50
-100
-150
-200
f
C = f O , TC = T O
∆T = T
C - T O ( °C )
0.5 pF*
0.25 pF*
Cp
Co=
+
*Case Parasitics
R
L
C
0.5 pF*
C p
1
2
3
M
M
M
B
45°
J
(2 places)
D
(3 places)
H
G
E
F
C
A
Bottom View
Pin 1
Pin 2
Pin 3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com