Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT65 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # RT65
Description  65W Triple Output Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

RT65 Datasheet(HTML) 1 Page - Astrodyne Corporation

  RT65 Datasheet HTML 1Page - Astrodyne Corporation RT65 Datasheet HTML 2Page - Astrodyne Corporation RT65 Datasheet HTML 3Page - Astrodyne Corporation RT65 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
65W Triple Output Switching Power Supply
RT65 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal AC input
Protections:Short circuit/Over load/Over voltage
Cooling by free air convection
LED indicator for power on
All using 105°C long life electrolytic capacitors
High efficiency, long life and high reliability
Model Number Output Volts Output Amps
Ripple & Noise
Min Load
Line Reg Load Reg Volt Tolerance
TRIPLE OUTPUT
RT65-A
5 Volts(DC)
6 Amps
80mV pk-pk
0.5~8Amps
±0.5%
±1.0%
±2.0%
12 Volts(DC)
2.8 Amps
120mV pk-pk
0.2~3.5Amps
±1.5%
±3.0%
±6.0%
-5 Volts(DC)
0.5 Amps
80mV pk-pk
0~1Amps
±0.5%
±1.0%
±5.0%
RT65-B
5 Volts(DC)
5.0 Amps
80mV pk-pk
0.5~8Amps
±0.5%
±1.0%
±2.0%
12 Volts(DC)
2.8 Amps
120mV pk-pk
0.2~3.5Amps
±1.5%
±3.0%
±6.0%
-12 Volts(DC)
0.5 Amps
80mV pk-pk
0~1Amps
±0.5%
±1.0%
±5.0%
RT65-C
5 Volts(DC)
5.0 Amps
80mV pk-pk
0.5~8Amps
±0.5%
±1.0%
±2.0%
15 Volts(DC)
2.2 Amps
120mV pk-pk
0.2~3Amps
±1.5%
±3.0%
+8,-4%
-15 Volts(DC)
0.5 Amps
80mV pk-pk
0~1Amps
±0.5%
±1.0%
±5.0%
RT65-D
5 Volts(DC)
4.0 Amps
80mV pk-pk
0.5~8Amps
±0.5%
±1.0%
±2.0%
24 Volts(DC)
1.5 Amps
150mV pk-pk
0.2~2Amps
±1..5%
±3.0%
+4,-6%
12 Volts(DC)
1.0 Amps
120mV pk-pk
0.1~1Amps
±2.0%
±4.0%
±6.0%


Similar Part No. - RT65

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
High Efficiency Single Synchronous Buck PWM Controller
September 2019
RT6542AGQW RICHTEK-RT6542AGQW Datasheet
267Kb / 15P
High Efficiency Single Synchronous Buck PWM Controller
September 2019
RT6543A RICHTEK-RT6543A Datasheet
338Kb / 21P
High Efficiency Single Synchronous Buck PWM Controller for INTEL VCCIN AUX ICL and TGL
March 2022
RT6543AGQW RICHTEK-RT6543AGQW Datasheet
338Kb / 21P
High Efficiency Single Synchronous Buck PWM Controller for INTEL VCCIN AUX ICL and TGL
March 2022
RT6543B RICHTEK-RT6543B Datasheet
338Kb / 21P
High Efficiency Single Synchronous Buck PWM Controller for INTEL VCCIN AUX ICL and TGL
March 2022
More results

Similar Description - RT65

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RT-65 ASTRODYNE-RT-65 Datasheet
517Kb / 2P
65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
PT-65 MEANWELL-PT-65 Datasheet
429Kb / 2P
65W Triple Output Switching Power Supply
RT-65 MEANWELL-RT-65 Datasheet
439Kb / 2P
65W Triple Output Switching Power Supply
logo
RSG Electronic Componen...
PT-65 RSG-PT-65 Datasheet
125Kb / 2P
65W Triple Output Switching Power Supply
RPT-65 RSG-RPT-65 Datasheet
258Kb / 2P
65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
RPT-65 MEANWELL-RPT-65_10 Datasheet
362Kb / 3P
65W Triple Output Switching Power Supply
RT-65 MEANWELL-RT-65_10 Datasheet
446Kb / 2P
65W Triple Output Switching Power Supply
RPT-65 MEANWELL-RPT-65_11 Datasheet
362Kb / 3P
65W Triple Output Switching Power Supply
logo
Astrodyne Corporation
PT65 ASTRODYNE-PT65 Datasheet
402Kb / 6P
65W Triple Output Switching Power Supply
logo
Total Power Internation...
RT-65 TOTAL-POWER-RT-65 Datasheet
515Kb / 2P
65W Triple Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com