Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT85 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # RT85
Description  85W Triple Output Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

RT85 Datasheet(HTML) 1 Page - Astrodyne Corporation

  RT85 Datasheet HTML 1Page - Astrodyne Corporation RT85 Datasheet HTML 2Page - Astrodyne Corporation RT85 Datasheet HTML 3Page - Astrodyne Corporation RT85 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
85W Triple Output Switching Power Supply
RT85 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal AC input
Protections:Short circuit/Over load/Over voltage
Cooling by free air convection
LED indicator for power on
All using 105°C long life electrolytic capacitors
High efficiency, long life and high reliability
Model Number Output Volts Output Amps
Ripple & Noise
Min Load
Line Reg
Load Reg Volt Tolerance
TRIPLE OUTPUT
RT85-A
5 Volts(DC)
8.0 Amps
80mV pk-pk
2~10Amps
±0.5%
±1.0%
±2.0%
12 Volts(DC)
3.5 Amps
120mV pk-pk
0.3~4Amps
±1.0%
±3.0%
±5.0%
-5 Volts(DC)
0.5 Amps
100mV pk-pk
0~1Amps
±1.0%
±6.0%
±6.0%
RT85-B
5 Volts(DC)
8.0 Amps
80mV pk-pk
2~10Amps
±0.5%
±1.0%
±2.0%
12 Volts(DC)
3.5 Amps
120mV pk-pk
0.3~4Amps
±1.0%
±3.0%
±5.0%
-12 Volts(DC)
0.5 Amps
120mV pk-pk
0~1Amps
±1.0%
±6.0%
±6.0%
RT85-C
5 Volts(DC)
7.0 Amps
80mV pk-pk
2~10Amps
±0.5%
±1.0%
±2.0%
15 Volts(DC)
3.0 Amps
120mV pk-pk
0.3~4Amps
±1.0%
±3.0%
+3,-7%
-15 Volts(DC)
0.5 Amps
120mV pk-pk
0~1Amps
±1.0%
±6.0%
±6.0%
RT85-D
5 Volts(DC)
6.0 Amps
80mV pk-pk
2~10Amps
±0.5%
±1.0%
±2.0%
24 Volts(DC)
2.0 Amps
150mV pk-pk
0.3~2.5Amps
±1.0%
±3.0%
±5.0%
12 Volts(DC)
1.0 Amps
120mV pk-pk
0.1~1Amps
±1.0%
±6.0%
±6.0%


Similar Part No. - RT85

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8509 RICHTEK-RT8509 Datasheet
226Kb / 9P
3A, 14V Step-Up DC/DC Converter
RT8509GQW RICHTEK-RT8509GQW Datasheet
226Kb / 9P
3A, 14V Step-Up DC/DC Converter
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
43V Asynchronous Boost WLED Driver
logo
Schaffner International...
RT8522-10-6M0 SCHAFFNER-RT8522-10-6M0 Datasheet
2Mb / 6P
Current-compensated Chokes
RT8522-12-5M0 SCHAFFNER-RT8522-12-5M0 Datasheet
2Mb / 6P
Current-compensated Chokes
More results

Similar Description - RT85

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RQ-85 ASTRODYNE-RQ-85 Datasheet
785Kb / 2P
85W Quad Output Switching Power Supply
RT-85 ASTRODYNE-RT-85 Datasheet
784Kb / 2P
85W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
RD-85 MEANWELL-RD-85 Datasheet
387Kb / 2P
85W Dual Output Switching Power Supply
RT-85 MEANWELL-RT-85 Datasheet
705Kb / 2P
85W Triple Output Switching Power Supply
RT-85 MEANWELL-RT-85_10 Datasheet
713Kb / 2P
85W Triple Output Switching Power Supply
RT-85 MEANWELL-RT-85_11 Datasheet
714Kb / 2P
85W Triple Output Switching Power Supply
RQ-85 MEANWELL-RQ-85_11 Datasheet
714Kb / 2P
85W Quad Output Switching Power Supply
logo
Total Power Internation...
RD-85 TOTAL-POWER-RD-85 Datasheet
459Kb / 2P
85W Dual Output Switching Power Supply
RID-85 TOTAL-POWER-RID-85 Datasheet
471Kb / 2P
85W Dual Output Switching Power Supply
RT-85 TOTAL-POWER-RT-85 Datasheet
778Kb / 2P
85W Triple Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com