Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT65-B Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # RT65-B
Description  65W Triple Output Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

RT65-B Datasheet(HTML) 2 Page - Astrodyne Corporation

  RT65-B Datasheet HTML 1Page - Astrodyne Corporation RT65-B Datasheet HTML 2Page - Astrodyne Corporation RT65-B Datasheet HTML 3Page - Astrodyne Corporation RT65-B Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
65W Triple Output Switching Power Supply
RT65 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range
90 ~ 264 VAC; 125~373 Volts(DC)
Frequency Range
47-63 Hz
Inrush Current, typ: (cold start)
40Amps/230VAC
Input Current
2.0 Amps. @ 115VAC
1.2 Amps. @ 230VAC
Leakage current
< 2mAmps /240VAC
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Line Regulation (Note 3)
See Selection Chart
Load Regulation (Note 4)
See Selection Chart
Voltage Tolerance (Note 2)
See Selection Chart
Ripple/Noise (Note 1)
See Selection Chart
Hold Up Time @ FL
60mS/230VAC
14mS/115VAC
Setup, Rise Time @ FL
500ms, 20m/230VAC
1200mS, 30mS/115VAC
Over Voltage Protection
5Volts only: : 5.75 ~ 6.75VDC
Hiccup mode, auto recover
Over Current Protection
110 ~ 150% rated output power
DC Volt Adjust
5Volts only: 4.75 ~ 5.5V
GENERAL SPECIFICATIONS
Safety
UL60950-1,
TUV EN60950-1 Approved
Insulation Resistance
≥ 100MΩ / 500Volts (DC)
EMI
Compliance to EN55022 (CISPR22)
Class B
Harmonic Current
Compliance to EN61000-3-2,-3
Efficiency
77% (RT65-A/B)
78% (RT65-C)
80% (RT65-D)
Isolation
3000VAC Input - Output
1500VAC Input - Ground
500VAC Output - Ground
EMS
Compliance to
EN61000-4-2, 3, 4, 5, 6, 8, 11;
ENV50204,EN61000-6-2(EN50082-2)
Heavy Industry Level, Criteria A
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-25°C to +70°C (See Derate Curve)
Storage Temperature
-40°C to +85°C, 10~95% RH
Relative Humidity
20~90% RH non cond
Temperature Coefficient
0.03% / °C (0-50°C) on +5V output
MTBF
254.6KHrs min, MIL-HDBK-217F(25°C )
Vibration
10~500Hz, 5G10min./1cycle, period for
60min. each along X, Y, Z axes
PHYSICAL SPECIFICATIONS
Size
Millimeters
129 x 98 x 38
Inches
3.90” x 3.82 ” x 1.42 ”
Weight
15.52 oz (440g)
NOTE
1. Ripple & noise are measured at 20MHz of bandwidth by using a 12”
twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
2. Tolerance : includes set up tolerance, line regulation and load regula-
tion.
3. Line regulation is measured from low line to high line at rated load.
4. Load regulation is measured from 20% to 100% rated load, and other
output at 60% rated load.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com