Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP200DRL Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # SP200DRL
Description  200W Single Output with PFC Function
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SP200DRL Datasheet(HTML) 2 Page - Astrodyne Corporation

  SP200DRL Datasheet HTML 1Page - Astrodyne Corporation SP200DRL Datasheet HTML 2Page - Astrodyne Corporation SP200DRL Datasheet HTML 3Page - Astrodyne Corporation SP200DRL Datasheet HTML 4Page - Astrodyne Corporation SP200DRL Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
200W Single Output with PFC Function
SP200/DRL series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range
90 ~ 264VAC 120~370 Volts(DC)
Frequency Range
47-63 Hz
Inrush Current, typ: (cold start)
20Amps/115VAC; 40Amps 230VAC
Input Current, typ
3.5Amps @115VAC
1.7 Amps @ 230VAC
Leakage current
< 2mAmps / 240VAC
Min Load
See Selection Chart
Power Factor @ FL
PF> 0.93 / 230VAC
0.98 / 115VAC
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Line Regulation
±0.5%
Load Regulation
±0.1%: 3.3~7.5Volts(DC)
±0.5%: 12~48Volts(DC)
Voltage Tolerance (Note 2)
±2.0%: 3.3;15Volts(DC)
±1.0%: 24~48Volts(DC)
Ripple/Noise (Note 1)
100mVpk-pk: 3.3~15Volts(DC)
150mVpk-pk: 24;27Volts(DC)
250mVpk-pk: 48Volts(DC)
Hold Up Time (typ)
20mS @ FL
Setup, Rise Time
600mS, 30mS @ FL
Over Voltage Protection
See Selection Chart
Shut down o/p voltage, re-power
Over Current Protection
105 ~ 150% rated output power
Constant current limiting,auto recover
Over Temperature
95°C ±5°C TSW1: detect on
heatsink of power transistor
Shut down o/p voltage, auto recover
DC Volt Adjust
See Selection Chart
GENERAL SPECIFICATIONS
Safety
UL60950-1,
TUV EN60950-1 Approved
Insulation Resistance
≥ 100MΩ / 500Volts(DC)
EMI
Compliance to EN55022 (CISPR22)
Class B
EMS
Compliance to
EN61000-4-2,3,4,5,6,8,11
ENV50204,EN55024,
light Industry Level, Criteria A
Harmonic Current
Compliance to EN61000-3-2,-3
Efficiency
See Selection Chart
Isolation
3000VAC Input - Output
1500VAC Input - Ground
500VAC Output - Ground
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-10°C to +60°C (See Derate Curve)
Storage Temperature
-20°C to +85°C, 10~95% RH
Relative Humidity
20~90% RH non cond
Temperature Coefficient
0.05% / °C (0-50°C)
MTBF
183.8KHrs min,MIL-HDBK-217F(25°C)
Vibration
10~500Hz, 2G10min./1cycle, period for
60min. each along X, Y, Z axes
PHYSICAL SPECIFICATIONS
Size
199x99 x 50mm (7.83”x3.90 ”x1.97”)
Weight
29.99 oz (850g)
NOTE
1. Ripple & noise are measured at 20MHz of bandwidth by using a 12”
twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
2. Tolerance : includes set up tolerance, line regulation and load regula-
tion.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com