Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP320C2811ZHHA Datasheet(PDF) 11 Page - Texas Instruments

Part # TMP320C2811ZHHA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C2811ZHHA Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP320C2811ZHHA Datasheet HTML 7Page - Texas Instruments TMP320C2811ZHHA Datasheet HTML 8Page - Texas Instruments TMP320C2811ZHHA Datasheet HTML 9Page - Texas Instruments TMP320C2811ZHHA Datasheet HTML 10Page - Texas Instruments TMP320C2811ZHHA Datasheet HTML 11Page - Texas Instruments TMP320C2811ZHHA Datasheet HTML 12Page - Texas Instruments TMP320C2811ZHHA Datasheet HTML 13Page - Texas Instruments TMP320C2811ZHHA Datasheet HTML 14Page - Texas Instruments TMP320C2811ZHHA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 147 page
background image
Features
11
June 2004
SPRS257
1
Features
D High-Performance Static CMOS Technology
− 150 MHz (6.67-ns Cycle Time)
− Low-Power (1.8-V Core @135 MHz, 1.9-V
Core @150 MHz, 3.3-V I/O) Design
D JTAG Boundary Scan Support†
D High-Performance 32-Bit CPU
(TMS320C28x)
− 16 x 16 and 32 x 32 MAC Operations
− 16 x 16 Dual MAC
− Harvard Bus Architecture
− Atomic Operations
− Fast Interrupt Response and Processing
− Unified Memory Programming Model
− 4M Linear Program/Data Address Reach
− Code-Efficient (in C/C++ and Assembly)
− Code and Pin Compatible to F2810,
F2811, and F2812 devices
− TMS320F24x/LF240x Processor Source
Code Compatible
D On-Chip Memory
− 20K x 16 Total Single-Access RAM
(SARAM)
− L0 and L1: 2 Blocks of 4K x 16 Each
SARAM
− L2 and L3: 2 Blocks of 1K X 16 SARAM
− H0: 1 Block of 8K x 16 SARAM
− M0 and M1: 2 Blocks of 1K x 16 Each
SARAM
D SPI, SCI, and GPIO Boot Loader Modes to
Support Loading Code From Off-chip
Sources to On-chip RAM. SPI Boot Mode
Supports Loading From an External Serial
EEPROM.
D Boot ROM (4K x 16)
− With Software Boot Modes
− Standard Math Tables
D External Interface (2812)
− Up to 1M Total Memory
− Programmable Wait States
− Programmable Read/Write Strobe Timing
− Three Individual Chip Selects
D Clock and System Control
− Dynamic PLL Ratio Changes Supported
− On-Chip Oscillator
− Watchdog Timer Module
D Three External Interrupts
D Peripheral Interrupt Expansion (PIE) Block
That Supports 45 Peripheral Interrupts
D Three 32-Bit CPU-Timers
D Motor Control Peripherals
− Two Event Managers (EVA, EVB)
− Compatible to 240xA Devices
D Serial Port Peripherals
− Serial Peripheral Interface (SPI)
− Two Serial Communications Interfaces
(SCIs), Standard UART
− Enhanced Controller Area Network
(eCAN)
− Multichannel Buffered Serial Port
(McBSP)
D 12-Bit ADC, 16 Channels
− 2 x 8 Channel Input Multiplexer
− Two Sample-and-Hold
− Single/Simultaneous Conversions
− Fast Conversion Rate: 80 ns/12.5 MSPS
D Up to 56 General Purpose I/O (GPIO) Pins
D Advanced Emulation Features
− Analysis and Breakpoint Functions
− Real-Time Debug via Hardware
D Development Tools Include
− ANSI C/C++ Compiler/Assembler/Linker
− Code Composer Studio IDE
− DSP/BIOS
− JTAG Scan Controllers†
D Low-Power Modes and Power Savings
− IDLE, STANDBY, HALT Modes Supported
− Disable Individual Peripheral Clocks
D Package Options
− 179-Ball MicroStar BGA With External
Memory Interface (GHH), (ZHH) (2812)
− 176-Pin Low-Profile Quad Flatpack
(LQFP) With External Memory Interface
(PGF) (2812)
− 128-Pin LQFP Without External Memory
Interface (PBK) (2811)
D Temperature Options:
− A: −40°C to 85°C (GHH, ZHH, PGF, PBK)
− S/Q: −40°C to 125°C (GHH, ZHH, PGF,
PBK)
TMS320C24x, Code Composer Studio, DSP/BIOS, and MicroStar BGA are trademarks of Texas Instruments.
† IEEE Standard 1149.1−1990, IEEE Standard Test-Access Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com