Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DW52C2V7LED02 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # DW52C2V7LED02
Description  ZENER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

DW52C2V7LED02 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  DW52C2V7LED02 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd DW52C2V7LED02 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd DW52C2V7LED02 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd DW52C2V7LED02 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd DW52C2V7LED02 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Notes
:
1.Short duration pulse test used to minimize self-heating effect.
2.f=1MHz
Zener Voltage Range (Note1)
Maximum Zener Impedance
(Note 2)
Maximum
Reverse
Current
(Note1)
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
IZK
IR
VR
Typical
Temperature
Coefficent
@IZTC
mV/°C
Test
Current
IZTC
Type
Number
Marking
Code
Nom(V)
Min(V)
Max(V)
mA
Ω
mA
uA
V
Min
Max
mA
DW52C2V4LED02
WX
2.4
2.2
2.6
5
100
600
1.0
50
1.0
-3.5
0
5
DW52C2V7LED02
W1
2.7
2.5
2.9
5
100
600
1.0
20
1.0
-3.5
0
5
DW52C3V0LED02
W2
3.0
2.8
3.2
5
95
600
1.0
10
1.0
-3.5
0
5
DW52C3V3LED02
W3
3.3
3.1
3.5
5
95
600
1.0
5
1.0
-3.5
0
5
DW52C3V6LED02
W4
3.6
3.4
3.8
5
90
600
1.0
5
1.0
-3.5
0
5
DW52C3V9LED02
W5
3.9
3.7
4.10
5
90
600
1.0
3
1.0
-3.5
0
5
DW52C4V3 LED02
W6
4.3
4.0
4.6
5
90
600
1.0
3
1.0
-3.5
0
5
DW52C4V7 LED02
W7
4.7
4.4
5.0
5
80
500
1.0
3
2.0
-3.5
0.2
5
DW52C5V1 LED02
9Y
5.1
4.8
5.4
5
60
480
1.0
2
2.0
-2.7
1.2
5
DW52C5V6 LED02
9A
5.6
5.2
6.0
5
40
400
1.0
1
2.0
-2.0
2.5
5
DW52C6V2 LED02
9B
6.2
5.8
6.6
5
10
150
1.0
3
4.0
0.4
3.7
5
DW52C6V8 LED02
9C
6.8
6.4
7.2
5
15
80
1.0
2
4.0
1.2
4.5
5
DW52C7V5 LED02
9D
7.5
7.0
7.9
5
15
80
1.0
1
5.0
2.5
5.3
5
DW52C8V2 LED02
9E
8.2
7.7
8.7
5
15
80
1.0
0.7
5.0
3.2
6.2
5
DW52C9V1 LED02
9F
9.1
8.5
9.6
5
15
100
1.0
0.5
6.0
3.8
7.0
5
DW52C10 LED02
9G
10
9.4
10.60
5
20
150
1.0
0.2
7.0
4.5
8.0
5
DW52C11 LED02
9H
11
10.4
11.6
5
20
150
1.0
0.1
8.0
5.4
9.0
5
DW52C12 LED02
9J
12
11.40
12.70
5
25
150
1.0
0.1
8.0
6.0
10.0
5
DW52C13 LED02
9K
13
12.4
14.1
5
30
170
1.0
0.1
8.0
7.0
11.0
5
DW52C15 LED02
9L
15
13.8
15.6
5
30
200
1.0
0.1
10.5
9.2
13.0
5
DW52C16 LED02
9M
16
15.30
17.1
5
40
200
1.0
0.1
11.2
10.4
14.0
5
DW52C18 LED02
9N
18
16.8
19.1
5
45
225
1.0
0.1
12.6
12.4
16.0
5
DW52C20 LED02
9P
20
18.8
21.20
5
55
225
1.0
0.1
14.0
14.4
18.0
5
DW52C22 LED02
9R
22
20.8
23.30
5
55
250
1.0
0.1
15.4
16.4
20.0
5
DW52C24 LED02
9S
24
22.80
25.60
5
70
250
1.0
0.1
16.8
18.4
22.0
5
DW52C36 LED02
9W
36
34.0
38
2
90
350
0.5
0.1
25.2
36.5
45.5
5
DW52C39 LED02
9X
39
37.0
41
2
130
350
0.5
0.1
27.3
36.8
49.8
5
DW52C27LED02
9T
27
25.1
28.9
2
80
300
0.5
0.1
18.9
21.4
25.3
2
DW52C30LED02
9U
30
28.0
32.0
2
80
300
0.5
0.1
21.0
24.4
29.4
2
DW52C33LED02
9V
33
31.0
35.0
2
80
325
0.5
0.1
23.1
27.4
33.4
2
DW52C43LED02
9Y
43
40.0
46.0
5
100
700
1.0
0.1
32
10.0
12.0
5
ELECTRICAL CHARACTERISTICS
T
a=25℃ unless otherwise specified
www.cj-elec.com
2
D,Jun,2015



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com