Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICPL2530 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ICPL2530
Description  HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICPL2530 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ICPL2530 Datasheet HTML 1Page - List of Unclassifed Manufacturers ICPL2530 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICPL2530 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICPL2530 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DB92030-AAS/A3
7/12/00
ELECTRICAL CHARACTERISTICS ( T
A= 0°C to 70°C Unless otherwise noted )
PARAMETER
SYM DEVICE
MIN TYP* MAX UNITS
TEST CONDITION
ICPL2530
7
18
%
I
F = 16mA, VO = 0.5V
Current Transfer Ratio
CTR ICPL2531
19
%
V
CC = 4.5V, TA= 25°C
(note 5,6 )
ICPL2530
5
13
%
I
F = 16mA, VO = 0.5V
ICPL2531
15
%
V
CC = 4.5V
ICPL2530
0.1
0.5
V
I
F = 16mA, IO=1.1mA
Logic Low Output Voltage
V
OL
V
CC = 4.5V, TA= 25°C
(note 5 )
ICPL2531
0.1
0.5
V
I
F = 16mA, IO=2.4mA
V
CC = 4.5V, TA= 25°C
Logic High Output Current
I
OH
0.02
500
nA
I
F1 = IF2= 0mA,TA= 25°C
(note 5 )
V
O1 = VO2 = VCC = 5.5V
0.01
10
µA
I
F1 = IF2= 0mA
V
O1 = VO2 = VCC = 15V
Logic Low Supply Current
I
CCL
80
µA
I
F1= IF2=16mA,VCC=15V
V
O1 = VO2 = open
Logic High Supply Current
I
CCH
0.01
4
µA
I
F1= IF2= 0mA,VCC=15V
V
O1 = VO2 = open
Input Forward Voltage
V
F
1.5
1.7
V
I
F = 16mA, TA= 25°C
(note 5 )
Temperature Coefficient
of Forward Voltage
∆V
F
-1.6
mV/°C
I
F = 16mA
(note 5 )
∆T
A
Input Reverse Voltage
V
R
5
V
I
R = 10µA,TA= 25°C
(note 5)
Input Capacitance
C
IN
60
pF
f = 1MHz, V
F = 0
(note 5 )
Input-output Isolation Voltage
V
ISO
2500
5000
V
RMS
R.H.equal to or less than
(note 7)
50%, t = 1min. T
A= 25°C
Resistance (Input to Output)
R
IO
1012
Ω
V
IO = 500V dc
(note 7)
Capacitance (Input to Output)
C
IO
0.6
pF
f = 1MHz
(note 7)
Input-Input Insulation
I
I-I
0.005
µA
45 % Relative Humidity
Leakage Current (note 8)
t = 5s, V
I-I = 500V dc
Resistance (Input to Input)(note8)
R
I-I
1011
Ω
V
I-I = 500V dc
Capacitance (Input to Input)(note8)
C
I-I
0.25
pF
f = 1MHz
* All typicals at T
A= 25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com