Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8544 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8544
Description  QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8544 Datasheet(HTML) 2 Page - Texas Instruments

  DAC8544 Datasheet HTML 1Page - Texas Instruments DAC8544 Datasheet HTML 2Page - Texas Instruments DAC8544 Datasheet HTML 3Page - Texas Instruments DAC8544 Datasheet HTML 4Page - Texas Instruments DAC8544 Datasheet HTML 5Page - Texas Instruments DAC8544 Datasheet HTML 6Page - Texas Instruments DAC8544 Datasheet HTML 7Page - Texas Instruments DAC8544 Datasheet HTML 8Page - Texas Instruments DAC8544 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
DAC8544
SLAS420 – MAY 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
PACKAGE DRAWING
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
TA
NUMBER
MARKING
NUMBER
MEDIA
DAC8544IPFB
Tray
DAC8544
48 - TQFP
PFB
-40
°C to 105°C
DAC8544I
DAC8544IPFBR
Tape and Reel
over operating free-air temperature range (unless otherwise noted)(1)
VDD to GND
–0.3 V to 6 V
IOVDD to IOGND
–0.3 V to 6 V
Digital input voltage to IOGND
–0.3 V to IOVDD + 0.3 V
VOUT to GND
–0.3 V to VDD + 0.3 V
Operating temperature range
–40
°C to 105°C
Storage temperature range, Tstg
–65
°C to 150°C
Junction temperature, TJ max
+150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
V
DD = + 2.7 V to + 5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications –40°C to +105°C unless otherwise noted
DAC8544
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE(1)
Resolution
16
Bits
Relative Accuracy
±0.025
±.098
%FSR
Differential Nonlinearity
16-Bit Monotonic
±0.25
±1
LSB
Measured at code 485, 25
°C
0.3
±3
Zero-Code Offset Error
mV
Measured at code 485, -40
°C to 105°C
1.0
±5.0
Zero-Code Error Drift
All zeroes loaded to DAC register
-20
µV/°C
DC Crosstalk
0.1
LSB
AC Crosstalk
1-kHz sine wave
-110
dB
Measured at code 64714, 25
°C
1.0
±3.0
Gain Error
mV
Measured at code 64714, -40
°C to
2.0
±5.0
105
°C
Gain Error Drift
-5
ppm of
FSR/
°C
Measured at code 64714, 25
°C
0.5
±3.0
Full-Scale Error
mV
Measured at code 64714, -40
°C to
1.0
±5.0
105
°C
OUTPUT CHARACTERISTICS(2)
Output Voltage Range
0
VREF
V
Output Voltage Settling Time
RL = 2 kΩ; CL <200 pF
8
10
µs
RL = 2 kΩ; CL <500 pF
12
Slew Rate
RL = 2 kΩ; CL <200 pF
1
V/
µs
(1)
Linearity calculated using a reduced code range of 485 to 64714. Output unloaded.
(2)
Assured by design and characterization, not production tested.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com