Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN33D8LT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN33D8LT
Description  Small Surface Mount Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN33D8LT Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN33D8LT Datasheet HTML 1Page - Diodes Incorporated DMN33D8LT Datasheet HTML 2Page - Diodes Incorporated DMN33D8LT Datasheet HTML 3Page - Diodes Incorporated DMN33D8LT Datasheet HTML 4Page - Diodes Incorporated DMN33D8LT Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DMN33D8LT
Document number: DS37091 Rev. 2 - 2
2 of 5
www.diodes.com
July 2014
© Diodes Incorporated
DMN33D8LT
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
30
V
Gain-Source Voltage
VGSS
±20
V
Drain Current (Note 5)
Continuous
ID
115
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
240
mW
Thermal Resistance, Junction to Ambient(Note 5)
RθJA
521
°C /W
Total Power Dissipation (Note 6)
PD
300
mW
Thermal Resistance, Junction to Ambient(Note 6)
RθJA
420
°C /W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
30
⎯
⎯
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
1.0
µA
VDS = 30V, VGS = 0V
Gate-Body Leakage
IGSS
⎯
⎯
±10
µA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
0.8
⎯
1.5
V
VDS = 3V, ID = 100µA
Static Drain-Source On-Resistance
RDS (ON)
⎯
⎯
5
Ω
VGS = 4V, ID = 10mA
⎯
⎯
7
Ω
VGS = 2.5V, ID = 5mA
Diode Forward Voltage
VSD
⎯
⎯
1.2
V
VGS = 0V, IS = 115mA
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
⎯
48
⎯
pF
VDS = 5V, VGS = 0V, f = 1.0MHz
Output Capacitance
Coss
⎯
11
⎯
Reverse Transfer Capacitance
Crss
⎯
8
⎯
Total Gate Charge VGS = 10V
Qg
⎯
0.55
⎯
nC
VGS = 10V, VDS = 10V,
ID = 250mA
Total Gate Charge VGS = 4.5V
Qg
⎯
1.23
⎯
Gate-Source Charge
Qgs
⎯
0.14
⎯
Gate-Drain Charge
Qgd
⎯
0.14
⎯
Turn-On Delay Time
tD(on)
⎯
2.9
⎯
nS
VDD = 30V, ID = 0.2A, VGEN = 10V,
RGEN = 25Ω
Turn-On Rise Time
tr
⎯
2.6
⎯
Turn-Off Delay Time
tD(off)
⎯
18.2
⎯
Turn-Off Fall Time
tf
⎯
13.6
⎯
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com