Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN53D0LDW Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN53D0LDW
Description  Dual N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN53D0LDW Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN53D0LDW Datasheet HTML 1Page - Diodes Incorporated DMN53D0LDW Datasheet HTML 2Page - Diodes Incorporated DMN53D0LDW Datasheet HTML 3Page - Diodes Incorporated DMN53D0LDW Datasheet HTML 4Page - Diodes Incorporated DMN53D0LDW Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DMN53D0LDW
Document number: DS37072 Rev. 2 - 2
4 of 5
www.diodes.com
June 2014
© Diodes Incorporated
DMN53D0LDW
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 7 Gate Threshold Variation vs. Ambient Temperature
J
°
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I= 1mA
D
I = 250µA
D
V , SOURCE-DRAIN VOLTAGE (V)
SD
Figure 8 Diode Forward Voltage vs. Current
T = 150°C
A
0
0.2
0.4
0.6
0.8
1.0
0
0.3
0.6
0.9
1.2
1.5
T = 125°C
A
T = 85°C
A
T= 25°C
A
T = -55°C
A
V , DRAIN-SOURCE VOLTAGE (V)
DS
Figure 9 Typical Junction Capacitance
1
10
100
0
5
10
15
20
25
30
35
40
Ciss
Coss
Crss
f = 1MHz
Q(nC)
g, TOTAL GATE CHARGE
Figure 10 Gate Charge
0
2
4
6
8
10
0
0.3
0.6
0.9
1.2
1.5
V
= 10V
I=
A
DS
D
250m
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
SOT363
Dim Min
Max
Typ
A
0.10
0.30
0.25
B
1.15
1.35
1.30
C
2.00
2.20
2.10
D
0.65 Typ
F
0.40
0.45 0.425
H
1.80
2.20
2.15
J
0
0.10
0.05
K
0.90
1.00
1.00
L
0.25
0.40
0.30
M
0.10
0.22
0.11
α
0°
8°
-
All Dimensions in mm
A
M
J
L
D
B C
H
K
F



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com