Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGS14C40L Datasheet(PDF) 1 Page - International Rectifier

Part # IRGS14C40L
Description  IGBT with on-chip Gate-Emitter and Gate-Collector clamps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS14C40L Datasheet(HTML) 1 Page - International Rectifier

  IRGS14C40L Datasheet HTML 1Page - International Rectifier IRGS14C40L Datasheet HTML 2Page - International Rectifier IRGS14C40L Datasheet HTML 3Page - International Rectifier IRGS14C40L Datasheet HTML 4Page - International Rectifier IRGS14C40L Datasheet HTML 5Page - International Rectifier IRGS14C40L Datasheet HTML 6Page - International Rectifier IRGS14C40L Datasheet HTML 7Page - International Rectifier IRGS14C40L Datasheet HTML 8Page - International Rectifier IRGS14C40L Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.irf.com
4/7/2000
IRGS14C40L
IRGSL14C40L
IRGB14C40L
Ignition IGBT
Page 1
IGBT with on-chip Gate-Emitter and Gate-Collector clamps
Features
•Most Rugged in Industry
•Logic-Level Gate Drive
•> 6KV ESD Gate Protection
•Low Saturation Voltage
•High Self-clamped Inductive Switching Energy
Description
The advanced IGBT process family includes a
MOS gated, N-channel logic level device which
is intended for coil-on-plug automotive ignition
applications and small-engine ignition circuits.
Unique features include on-chip active voltage
clamps between the Gate-Emitter and
Gate-Collector which provide over voltage
protection capability in ignition circuits.
Collector
Emitter
Gate
R2
R1
TERMINAL DIAGRAM
NOTE: IRGS14C40L is available in tape and reel. Add a suffix of
TRR or TRL to the part number to determine the orientation of the
device in the pocket, i.e, IRGS14C40LTRR or IRGS14C40LTRL.
JEDEC TO-220AB
IRGB14C40L
JEDEC TO-262AA
IRGSL14C40L
JEDEC TO-263AB
IRGS14C40L
•BVCES = 370V min, 430V max
•IC @ TC = 110°C = 14A
•VCE(on) typ= 1.2V @7A @25°C
•IL(min)=11.5A @25°C,L=4.7mH
Absolute Maximum Ratings
Parameter
Max
Unit
Condition
VCES
Collector-to-Emitter Voltage
Clamped
V
RG = 1K ohm
IC @ TC = 25°C
Continuous Collector Current
20
A
VGE = 5V
IC @ TC = 110°C
Continuous Collector Current
14
A
VGE = 5V
IG
Continuous Gate Current
1
mA
IGp
Peak Gate Current
10
mA tPK = 1ms, f = 100Hz
VGE
Gate-to-Emitter Voltage
Clamped
V
PD @ TC = 25°C
Maximum Power Dissipation
125
W
PD @ T = 110°C Maximum Power Dissipation
54
W
TJ
Operating Junction and
- 40 to 175
°C
TSTG
Storage Temperature Range
- 40 to 175
°C
VESD
Electrostatic Voltage
6
KV C = 100pF, R = 1.5K
ohm
IL
Self-clamped Inductive Switching Current
11.5
A
L = 4.7mH, T = 25°C
Thermal Resistance
Parameter
Min
Typ
Max
Unit
RθJC
Thermal Resistance, Junction-to-Case
1.2
RθJA
Thermal Resistance, Junction-to-Ambient
40
°C/W
(PCB Mounted, Steady State)
ZθJC
Transient Thermal Impedance, Juction-to-Case (Fig.11)
PD - 93891A


Similar Part No. - IRGS14C40L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGS14C40L IRF-IRGS14C40L Datasheet
171Kb / 12P
IGBT with on-chip Gate-Emitter and Gate-Collector clamps
IRGS14C40LPBF IRF-IRGS14C40LPBF Datasheet
288Kb / 11P
IGBT with on-chip Gate-Emitter and Gate-Collector clamps
IRGS14C40LPBF IRF-IRGS14C40LPBF Datasheet
297Kb / 12P
MOST RUGGED IN INDUSTRY
IRGS14C40LPBF IRF-IRGS14C40LPBF_15 Datasheet
297Kb / 12P
MOST RUGGED IN INDUSTRY
IRGS14C40LTRLP IRF-IRGS14C40LTRLP Datasheet
171Kb / 12P
IGBT with on-chip Gate-Emitter and Gate-Collector clamps
More results

Similar Description - IRGS14C40L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8316AS TOSHIBA-TA8316AS Datasheet
213Kb / 6P
IGBT GATE DRIVER
logo
Fairchild Semiconductor
DM74ALS09 FAIRCHILD-DM74ALS09 Datasheet
48Kb / 4P
Quad 2-Input AND Gate with Open Collector Outputs
logo
International Rectifier
OM9404SM IRF-OM9404SM Datasheet
32Kb / 3P
IGBT GATE DRIVER
logo
Motorola, Inc
MC5403L MOTOROLA-MC5403L Datasheet
204Kb / 2P
QUAD 2-INPUT NAND GATE WITH OPEN COLLECTOR
logo
International Rectifier
IRGS14C40LPBF IRF-IRGS14C40LPBF Datasheet
288Kb / 11P
IGBT with on-chip Gate-Emitter and Gate-Collector clamps
IRGS14C40LTRLP IRF-IRGS14C40LTRLP Datasheet
171Kb / 12P
IGBT with on-chip Gate-Emitter and Gate-Collector clamps
logo
Unisonic Technologies
UA8316 UTC-UA8316 Datasheet
171Kb / 6P
IGBT GATE DRIVER
UA8316 UTC-UA8316_15 Datasheet
171Kb / 6P
IGBT GATE DRIVER
logo
IXYS Corporation
IX6611 IXYS-IX6611 Datasheet
1Mb / 15P
IGBT Gate Driver
logo
First Silicon Co., Ltd
FTK2306 FS-FTK2306 Datasheet
408Kb / 4P
low gate charge and operation with gate low gate charge and operation with gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com