Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP150 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # TP150
Description  150W Triple Output with PFC Function
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

TP150 Datasheet(HTML) 1 Page - Astrodyne Corporation

  TP150 Datasheet HTML 1Page - Astrodyne Corporation TP150 Datasheet HTML 2Page - Astrodyne Corporation TP150 Datasheet HTML 3Page - Astrodyne Corporation TP150 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
150W Triple Output with PFC Function
TP150 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal AC input
Built-in active PFC function, PF >0.94
Protections: Short circuit /Overload/Over voltage
Fixed switching frequency at 100KHz
Forced air cooling by built-in DC fan
Model Number Output Volts Output Amps Ripple & Noise Load Reg
Volt Tolerance
Min Load
TRIPLE OUTPUT
TP150-A
5 Volts(DC)
15 Amps
100mVpk-pk
±3.0%
±3.0%
2.0~20Amps
12 Volts(DC)
6.0 Amps
120mVpk-pk
±6.0%
±8.0%
0.4~7.0Amps
-5 Volts(DC)
0.6 Amps
100mVpk-pk
±4.0%
±6.0%
0~1.0Amps
TP150-B
5 Volts(DC)
15 Amps
100mVpk-pk
±3.0%
±3.0%
2.0~20Amps
12 Volts(DC)
5.5 Amps
120mVpk-pk
±6.0%
±8.0%
0.4~7.0Amps
-12 Volts(DC)
0.6 Amps
100mVpk-pk
±4.0%
±6.0%
0~1.0Amps
TP150-C
5 Volts(DC)
15 Amps
100mVpk-pk
±3.0%
±3.0%
2.0~20Amps
15 Volts(DC)
4.5 Amps
150mVpk-pk
±6.0%
+10,-6%
0.4~6.0Amps
-15 Volts(DC)
0.6Amps
100mVpk-pk
±4.0%
±6.0%
0~1.0Amps
TP150-D
5 Volts(DC)
15 Amps
100mVpk-pk
±3.0%
±3.0%
2.0~20Amps
24 Volts(DC)
3.0 Amps
150mVpk-pk
±6.0%
±8.0%
0.4~4.0Amps
12 Volts(DC)
0.6 Amps
100mVpk-pk
±4.0%
±6.0%
0~1.0Amps


Similar Part No. - TP150

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
TP150 FENGJUI-TP150 Datasheet
257Kb / 5P
SMD POWER INDUCTOR-RoHS
logo
Topstek Inc.
TP150A TOPSTEK-TP150A Datasheet
106Kb / 2P
Topstek Current Transducers
logo
FENGJUI TECHNOLOGY CO.,...
TP150B FENGJUI-TP150B Datasheet
257Kb / 5P
SMD POWER INDUCTOR-RoHS
logo
Toppower Electronic Tec...
TP150DH TOPPOWER-TP150DH Datasheet
741Kb / 3P
100W~150W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP150DH24S05 TOPPOWER-TP150DH24S05 Datasheet
254Kb / 3P
100W~200W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
More results

Similar Description - TP150

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
TP-150 ASTRODYNE-TP-150 Datasheet
304Kb / 2P
150W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-150 MEANWELL-TP-150 Datasheet
286Kb / 2P
150W Triple Output with PFC Function
logo
RSG Electronic Componen...
TP-150 RSG-TP-150 Datasheet
128Kb / 2P
150W Triple Output with PFC Function
logo
Mean Well Enterprises C...
QP-150 MEANWELL-QP-150_10 Datasheet
770Kb / 5P
150W Quad Output with PFC Function
TP-150 MEANWELL-TP-150_10 Datasheet
294Kb / 2P
150W Triple Output with PFC Function
ASP-150 MEANWELL-ASP-150_11 Datasheet
281Kb / 2P
150W Single Output with PFC Function
HRPG-150 MEANWELL-HRPG-150_11 Datasheet
354Kb / 3P
150W Single Output with PFC Function
RSP-150 MEANWELL-RSP-150 Datasheet
146Kb / 2P
150W Single Output with PFC Function
logo
Astrodyne Corporation
TP150DRL ASTRODYNE-TP150DRL Datasheet
397Kb / 2P
150W Triple Output with PFC Function
logo
Total Power Internation...
TP-150 TOTAL-POWER-TP-150 Datasheet
296Kb / 2P
150W Triple Output with PFC Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com